| データシートサーチシステム |
|
ST5R25MTR データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST5R25MTR データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 15 page ![]() ST5R00 SERIES 5/15 Table 6: Electrical Characteristics For ST5R30 (VIN = 1.8V, IOUT = 10mA, TA = 25°C, unless otherwise specified. For external components value, unless otherwise notes, refer to the typical operating circuit.) (1): The minimum input voltage for the IC start-up is strictly a function of the VF catch diode. Table 7: Electrical Characteristics For ST5R33 (VIN = 2V, IOUT = 10mA, TA = 25°C, unless otherwise specified. For external components value, unless otherwise notes, refer to the typical operating circuit.) (1): The minimum input voltage for the IC start-up is strictly a function of the VF catch diode. Table 8: Electrical Characteristics For ST5R50 (VIN = 3V, IOUT = 10mA, TA = 25°C, unless otherwise specified. For external components value, unless otherwise notes, refer to the typical operating circuit.) (1): The minimum input voltage for the IC start-up is strictly a function of the VF catch diode. Symbol Parameter Test Conditions Min. Typ. Max. Unit VOUT Output Voltage 2.85 3 3.15 V VSTART-UP Start-up Voltage (VIN-VF) (1) IOUT = 1mA, VIN = rising from 0 to 2V 0.8 1.2 V VHOLD Hold-on Voltage IOUT = 1mA, VIN = falling from 2 to 0V 0.6 V ISUPPLY Supply Current To be measured at VIN, no load 17 µA RLX(DSON) Internal Switch RDSON ILX = 150mA 850 m Ω ILX(leak) Internal Leakage Current VLX = 4V, forced VOUT = 3.5V 0.5 µA fOSC Maximum oscillator Frequency 150 KHz Dty Oscillator Duty Cycle to be measure on LX pin 77 % ν Efficiency IOUT = 50mA 82 % Symbol Parameter Test Conditions Min. Typ. Max. Unit VOUT Output Voltage 3.135 3.3 3.465 V VSTART-UP Start-up Voltage (VIN-VF) (1) IOUT = 1mA, VIN = rising from 0 to 2V 0.8 1.2 V VHOLD Hold-on Voltage IOUT = 1mA, VIN = falling from 2 to 0V 0.6 V ISUPPLY Supply Current To be measured at VIN, no load 17 µA RLX(DSON) Internal Switch RDSON ILX = 150mA 850 m Ω ILX(leak) Internal Leakage Current VLX = 4V, forced VOUT = 3.8V 0.5 µA fOSC Maximum oscillator Frequency 150 KHz Dty Oscillator Duty Cycle to be measure on LX pin 77 % ν Efficiency IOUT = 50mA 83 % Symbol Parameter Test Conditions Min. Typ. Max. Unit VOUT Output Voltage 4.75 5.0 5.25 V VSTART-UP Start-up Voltage (VIN-VF) (1) IOUT = 1mA, VIN = rising from 0 to 2V 0.8 1.2 V VHOLD Hold-on Voltage IOUT = 1mA, VIN = falling from 2 to 0V 0.6 V ISUPPLY Supply Current To be measured at VIN, no load 18 µA RLX(DSON) Internal Switch RDSON ILX = 150mA 700 m Ω ILX(leak) Internal Leakage Current VLX = 4V, forced VOUT = 3.8V 0.5 µA fOSC Maximum oscillator Frequency 160 KHz Dty Oscillator Duty Cycle to be measure on LX pin 77 % ν Efficiency IOUT = 50mA 87 % |