データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIM-3337S3F データシート(PDF) 2 Page - Unity Opto Technology

部品番号 MIM-3337S3F
部品情報  INFRARED RECEIVER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UOT [Unity Opto Technology]
ホームページ  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-3337S3F データシート(HTML) 2 Page - Unity Opto Technology

  MIM-3337S3F Datasheet HTML 1Page - Unity Opto Technology MIM-3337S3F Datasheet HTML 2Page - Unity Opto Technology MIM-3337S3F Datasheet HTML 3Page - Unity Opto Technology MIM-3337S3F Datasheet HTML 4Page - Unity Opto Technology MIM-3337S3F Datasheet HTML 5Page - Unity Opto Technology MIM-3337S3F Datasheet HTML 6Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INFRARED RECEIVER MODULE
MIM-3xx7S3F
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Remark
Supply voltage
Vs
-0.3 ~ 6.0
V
Supply Current
Is
2.5
mA
Operating temperature
Topr
-25 ~ + 85
oC
Storage temperature
Tstg
-25 ~ + 85
oC
Soldering temperature
Tsd
260
oC
t≦5 s, 1mm from case
Junction Temperature
Tj
100
oC
Electro-optical characteristics (Vcc=3.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remarks
Supply Voltage
Vs
2.7
3.0
5.5
V
Current consumption
Icc
1.1
2.5
mA
Under no signal
Response wavelength
lp
940
nm
Output form
- - - - - active low output - - - - -
H level output voltage
V0h
2.8
3.0
V
L level output voltage
V0l
0.2
0.4
V
H level output pulse width
Twh
500
800
ms
L level output pulse width
Twl
500
800
ms
Distance between emitter & detector
L1
10.0
m
Note 1
Half angle
Dq
±45
deg
Horizonal direction
Test Method
A. Standard Transmitter
REV: A1
12/09/2003
Unity Opto Technology Co., Ltd.
@ Ta=25
oC
ON/OFF pulse width satisfied from 25 cm to detection limit
Fig 2. Standard Transmitter Measurement circuit
+5.0V
10
mF
Vout
25cm
Transmitter
Duty 50%
Oscilloscope
GND
10k
W
carrier frequency f0
duty 50%
600
ms
Fig 1. Burst Wave
600
ms
600
ms
2/6



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com