データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD401A1 データシート(PDF) 10 Page - STMicroelectronics

部品番号 PSD401A1
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD401A1 データシート(HTML) 10 Page - STMicroelectronics

Back Button PSD401A1 Datasheet HTML 6Page - STMicroelectronics PSD401A1 Datasheet HTML 7Page - STMicroelectronics PSD401A1 Datasheet HTML 8Page - STMicroelectronics PSD401A1 Datasheet HTML 9Page - STMicroelectronics PSD401A1 Datasheet HTML 10Page - STMicroelectronics PSD401A1 Datasheet HTML 11Page - STMicroelectronics PSD401A1 Datasheet HTML 12Page - STMicroelectronics PSD401A1 Datasheet HTML 13Page - STMicroelectronics PSD401A1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 123 page
background image
PSD4XX Family
7
7.0
PSD4XX
Family
There are 12 unique devices in the PSD4XX family. The part classifications are based on
ZPLD configuration and size, EPROM size, and data bus width. The features of each part
are listed in Table 1. See the ordering information section at the end of this document.
Part
Bus
DPLD + GPLD
I/O
PMU
EPROM
SRAM
#
Bit
Inputs
Product
Registered
Pins
K Bit
K Bit
Terms
Macrocells
401A1
x8/x16
37
113
8
40
Yes
256
16
411A1
x8
37
113
8
40
Yes
256
16
402A1
x8/x16
37
113
8
40
Yes
512
16
412A0
x8
37
113
8
40
Yes
512
–
412A1
x8
37
113
8
40
Yes
512
16
403A1
x8/x16
37
113
8
40
Yes
1024
16
413A1
x8
37
113
8
40
Yes
1024
16
401A2
x8/x16
59
126
24
40
Yes
256
16
411A2
x8
59
126
24
40
Yes
256
16
402A2
x8/x16
59
126
24
40
Yes
512
16
412A2
x8
59
126
24
40
Yes
512
16
403A2
x8/x16
59
126
24
40
Yes
1024
16
413A2
x8
59
126
24
40
Yes
1024
16
Table 1. PSD4XX Product Matrix
NOTE: PMU = Power Management Unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More