| データシートサーチシステム |
|
ST6252CB1 データシート(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6252CB1 データシート(HTML) 70 Page - STMicroelectronics |
|
70 / 78 page ![]() 70/78 ST62T52C ST62T62C/E62C 7.2 ORDERING INFORMATION Table 22. OTP/EPROM VERSION ORDERING INFORMATION Sales Type Program Memory (Bytes) EEPROM (Bytes) Temperature Range Package ST62E62CF1 1836 EPROM 64 0 to +70 °C CDIP16W ST62T52CM6 ST62T52CM3 1836 OTP None -40 to + 85 °C -40 to + 125 °C PSO16 ST62T62CM6 ST62T62CM3 1836 OTP 64 -40 to + 85 °C -40 to + 125 °C PSO16 ST62T52CB6 ST62T52CB3 1836 OTP None -40 to + 85 °C -40 to + 125 °C PDIP16 ST62T62CB6 ST62T62CB3 1836 OTP 64 -40 to + 85 °C -40 to + 125 °C PDIP16 ST62T52CN6 ST62T52CN3 1836 OTP None -40 to + 85 °C -40 to + 125 °C SSOP16 ST62T62CN6 ST62T62CN3 1836 OTP 64 -40 to + 85 °C -40 to + 125 °C SSOP16 69 |