| データシートサーチシステム |
|
SMTPB207 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMTPB207 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() Symbol Parameter Value Unit Rth (j-l) Junction to leads 20 °C/W Rth (j-a) Junction to ambient. On printed circuit with standard footprint dimensions. 75 °C/W THERMAL RESISTANCES Symbol Parameter VRM Stand-off voltage IRM Leakage current at stand-off voltage VR ContinuousReverse voltage VBR Breakdown voltage VBO Breakover voltage IH Holding current IBO Breakover current IPP Peak pulse current C Capacitance ELECTRICAL CHARACTERISTICS (Tamb =25 °C) Type Marking IRM @VRM IR @VR VBO @IBO IH C max. max. note1 max. note2 max. min. note3 typ. note4 Laser µAV µAV V mA mA pF SMTPB62 SMTPB68 SMTPB120 SMTPB200 SMTPB270 W07 W11 W21 W31 W43 2 2 2 2 2 56 61 108 180 243 50 50 50 50 50 62 68 120 200 270 82 90 160 267 360 800 800 800 800 800 150 150 150 150 150 160 160 140 130 120 All parameters tested at 25 °C, except where indicated. Symbol Parameter Value Unit P Power dissipation Tlead =50 °C5 W IPP Peak pulse current 10/1000 µs 8/20 µs 2/10 µs 100 250 500 A ITSM Non repetitive surge peak on-state current tp = 20 ms 50 A dV/dt Critical rate of rise of off-state voltage VRM 5KV/ µs Tstg Tj Storage temperature range Maximum junction temperature - 55 to + 150 + 150 °C °C TL Maximum lead temperature for soldering during 10 s. + 260 °C ABSOLUTE MAXIMUM RATINGS (Tamb =25 °C) Note 1: IR measured at VR guarantees VBRmin ≥ VR Note 2: Measured at 50 Hz (1 cycle) - See test circuit 1. Note 3: See test circuit 2. Note 4: VR = 1V, F = 1MHz. Refer to fig 3 for C versus VR. SMTPBxxx 2/5 |