| データシートサーチシステム |
|
ST6252CM3 データシート(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6252CM3 データシート(HTML) 73 Page - STMicroelectronics |
|
73 / 78 page ![]() 73/78 ST62P52C ST62P62C ST62P52C and ST62P62C FASTROM MICROCONTROLLER OPTION LIST Customer . . . . . .... . ... .. . . ... ... . . Address . . . . . .... . ... .. . . ... ... . . .. ... .. .. .... . . ... .. ... .. Contact . . . . . .... . ... .. . . ... ... . . Phone No . . . . . .... . ... .. . . ... ... . . Reference . . . . . .... . ... .. . . ... ... . . STMicroelectronics references Device: [ ] ST62P52C [ ] ST62P62C Package: [ ] Dual in Line Plastic [ ] Small Outline Plastic with condionning: [ ] Standard (Stick) [ ] Tape & Reel [ ] Shrink Small Outline Plastic Temperature Range: [ ] 0 °Cto+ 70°C[ ] - 40°Cto + 85°C []- 40°C to + 125°C Oscillator Source Selection: [ ] Crystal Quartz/Ceramic resonator [ ] RC Network Watchdog Selection: [ ] Software Activation [ ] Hardware Activation Power on Reset Delay [ ] 32768 cycle delay [ ] 2048 cycle delay Readout Protection: [ ] Disabled [ ] Enabled External STOP Mode Control [ ] Enabled [ ] Disabled PB2-PB3 Pull-Up at RESET [ ] Enabled [ ] Disabled LVD Reset [ ] Enabled [ ] Disabled ADC Synchro [ ] Enabled [ ] Disabled Oscillator Safe Guard [ ] Enabled [ ] Disabled Comments : Supply Operating Range in the application: Oscillator Fequency in the application: Notes . . . . . .... . ... .. . . ... ... . . Signature . . . . . .... . ... .. . . ... ... . . Date . . . . . .... . ... .. . . ... ... . . 72 |