| データシートサーチシステム |
|
ST63T140B1 データシート(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST63T140B1 データシート(HTML) 74 Page - STMicroelectronics |
|
74 / 86 page ![]() STACK LEVEL 1 STACK LEVEL 2 STACK LEVEL 3 STACK LEVEL 4 STACK LEVEL 5 STACK LEVEL 6 PC D/AOutputs TIMER 2 IR INTERRUPT Input TEST TIMER 1 PORT C PORT B PORT A VS output & AFC input ON-SCREEN DISPLAY DIGITAL WATCHDOG/TIMER SERIAL PERIPHERAL INTERFACE VDD V SS OSCin OSDOSCin OSDOSCout OSCout RESET R, G, B, BLANK HSYNC (PB3) VSYNC (PB2) VR 01753F PA0 - PA7 * DA0 - DA3 IRIN/NMI TEST/V PP AFC & VS * PB2 - PB7 * PC0 - PC7 * POWER SUPPLY OSCILLATOR RESET 8-BIT CORE USER PROGRAM EPROM 8 KBytes DATA ROM USER SELECTABLE DATA EEPROM 128 Bytes DATA RAM 256 Bytes * Refer To Pin Configuration For Additional Information Figure 3. ST631xx family Block Diagram DEVICE EPROM (Bytes) OTP ROM (Bytes) RAM (Bytes) EEPROM (Bytes) I/O KBY I/O BSW OUT AFC VS D/A PACK. TARGET ROM DEVICES ST63E140 8K 256 128 6 3 3 YES YES 1 PDIP28 ST63140 ST63T140 8K 256 128 6 3 3 YES YES 1 PDIP28 ST63140 ST63E142 8K 256 128 6 3 3 YES NO 1 PDIP28 ST63142 ST631T42 8K 256 128 6 3 3 YES NO 1 PDIP28 ST63142 ST63E126 8K 256 128 12 3 4 YES NO 4 PDIP40 ST63126 ST63T126 8K 256 128 12 3 4 YES NO 4 PDIP40 ST63126 ST63E156 8K 256 128 11 3 4 YES YES 4 PDIP40 ST63156 ST63T156 8K 256 128 11 3 4 YES YES 4 PDIP40 ST63156 Table 1. Device Summary ® ST63E140,E142,E126,E156, T140,T142,T126,T156 70/82 |