| データシートサーチシステム |
|
ST72621L4 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72621L4 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 132 page ![]() ST7262 21/132 6.2 RESET The Reset procedure is used to provide an orderly software start-up or to exit low power modes. Three reset modes are provided: a low voltage re- set, a watchdog reset and an external reset at the RESET pin. A reset causes the reset vector to be fetched from addresses FFFEh and FFFFh in order to be loaded into the PC and with program execution starting from this point. An internal circuitry provides a 514 CPU clock cy- cle delay from the time that the oscillator becomes active. 6.2.1 Low Voltage Reset Low voltage reset circuitry generates a reset when VDD is: s below VIT+ when VDD is rising, s below VIT- when VDD is falling. During low voltage reset, the RESET pin is held low, thus permitting the MCU to reset other devices. The Low Voltage Detector can be disabled by set- ting the LVD bit of the Option byte. 6.2.2 Watchdog Reset When a watchdog reset occurs, the RESET pin is pulled low permitting the MCU to reset other devic- es as when low voltage reset (Figure 15). 6.2.3 External Reset The external reset is an active low input signal ap- plied to the RESET pin of the MCU. As shown in Figure 18, the RESET signal must stay low for a minimum of one and a half CPU clock cycles. An internal Schmitt trigger at the RESET pin is pro- vided to improve noise immunity. Figure 15. Low Voltage Reset functional Diagram Figure 16. Low Voltage Reset Signal Output Note: Typical hysteresis (VIT+-VIT-) of 250 mV is expected Figure 17. Temporization Timing Diagram after an internal Reset LOW VOLTAGE VDD FROM WATCHDOG RESET RESET INTERNAL RESET RESET RESET VDD VIT+ VIT- VDD Addresses $FFFE Temporization VIT+ (514 CPU clock cycles) |