データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72631K2M0 データシート(PDF) 30 Page - STMicroelectronics

部品番号 ST72631K2M0
部品情報  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631K2M0 データシート(HTML) 30 Page - STMicroelectronics

Back Button ST72631K2M0 Datasheet HTML 26Page - STMicroelectronics ST72631K2M0 Datasheet HTML 27Page - STMicroelectronics ST72631K2M0 Datasheet HTML 28Page - STMicroelectronics ST72631K2M0 Datasheet HTML 29Page - STMicroelectronics ST72631K2M0 Datasheet HTML 30Page - STMicroelectronics ST72631K2M0 Datasheet HTML 31Page - STMicroelectronics ST72631K2M0 Datasheet HTML 32Page - STMicroelectronics ST72631K2M0 Datasheet HTML 33Page - STMicroelectronics ST72631K2M0 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
ST7263
30/109
I/O PORTS (Cont’d)
5.1.6 Port C
Table 12. Port C Description
Figure 21. Port C Configuration
PORT C
I / O
Alternate Function
Input*
Output
Signal
Condition
PC0
with pull-up
push-pull
RDI (SCI input)
PC1
with pull-up
push-pull
TDO (SCI output)
SCI enable
PC2
with pull-up
push-pull
USBOE (USB output ena-
ble)
USBOE =1
(MISCR)
*Reset State
DR
DDR
LATCH
LATCH
DR SEL
DDR SEL
VDD
PAD
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE ENABLE
ALTERNATE
ALTERNATE INPUT
PULL-UP
OUTPUT
P-BUFFER
N-BUFFER
1
0
1
0
CMOS SCHMITT TRIGGER
VSS
VDD
DIODES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More