| データシートサーチシステム |
|
ST75951 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST75951 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 21 page ![]() D5 F0 D6 D3 D4 RING V CM V CM Xms * RING Line Free Line in use, Ring = '1' *Xms value is fixed by ST75952 application Figure 18 F0 D5 F0 D6 D3 D4 RING F0 Overcurrent Figure 19 FUNCTIONAL DESCRIPTION (continued) LOW-PASS (0.425 x Sampling Frequency) 2nd ORDER MODULATOR DIN DOUT LOW-PASS (0.425 x Sampling Frequency) Figure 20 9 - Analog / Digital Loop Back Test By programming bit 9,8 = ’ 01’ of control register 3, we can set ST75951 in ’local analog loop back’ (see Figure 20). By programming bit 9, 8 =’ 10’ of control register 3, we can set ST75951 in ’local digital loop back’ (see Figure 21). ST75951 12/21 |