データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST75C185CTR データシート(PDF) 11 Page - STMicroelectronics

部品番号 ST75C185CTR
部品情報  LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C185CTR データシート(HTML) 11 Page - STMicroelectronics

Back Button ST75C185CTR Datasheet HTML 5Page - STMicroelectronics ST75C185CTR Datasheet HTML 6Page - STMicroelectronics ST75C185CTR Datasheet HTML 7Page - STMicroelectronics ST75C185CTR Datasheet HTML 8Page - STMicroelectronics ST75C185CTR Datasheet HTML 9Page - STMicroelectronics ST75C185CTR Datasheet HTML 10Page - STMicroelectronics ST75C185CTR Datasheet HTML 11Page - STMicroelectronics ST75C185CTR Datasheet HTML 12Page - STMicroelectronics ST75C185CTR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.10
0.20
0.004
0.007
a2
2.45
0.096
b
0.35
0.49
0.013
0.019
b1
0.23
0.32
0.009
0.012
C
0.50
0.020
c1
45 (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.299
L
0.50
1.27
0.19
0.050
M
0.75
0.029
S
8 (max.)
P013L
SO-20 MECHANICAL DATA
ST75C185
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13