| データシートサーチシステム |
|
RCF2W データシート(PDF) 2 Page - TAITRON Components Incorporated |
|
|
|||||||||||||||||||||||||||||
RCF2W データシート(HTML) 2 Page - TAITRON Components Incorporated |
|
2 / 6 page ![]() RCF & RCFS Series Carbon Film Resistor - Normal & Miniature Style Rev. C/JJ 2007-08-10 www.taitroncomponents.com Page 2 of 6 Absolute Maximum Ratings & Characteristics Note1: For a zero ohm resistor, it is similar to a 1/4W resistor(1/8W size also available,typical resistance 0.004 Ω. Power derating curve For resistors operate in the ambient temperature over 70˚C, loading power ratio will derate in accordance with following curve. Description RCF 08T RCF S25T RCF 25T RCF S50T RCF 50T RCF S1W RCF 1W RCF S2W RCF 2W RCF S3W Unit Power Rating at 70° C 1/8 1/4 1/4 1/2 1/2 1 1 2 2 3 W Maximum Working Voltage 150 200 250 300 350 400 500 500 500 500 V Maximum Overload Voltage 300 400 500 600 700 800 1000 1000 1000 1000 V Dielectric Withstanding Voltage 300 400 500 500 500 700 1000 1000 1000 1000 V <100K Ω +350/-500 ±350 100K Ω~1M Ω +350/-700 +350/-500 Temperature Coefficient 1M Ω~10M Ω +350/-1500 +350/-1500 ppm/° C Resistance Range(Note1) (±2%, ±5%) 1~10M Ω Operating Temperature Range -55 to +155 ° C Ambient Temperature (°C) |