| データシートサーチシステム |
|
ST7LITE20 データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE20 データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 131 page ![]() ST7LITE2 11/131 Legend: x=undefined, R/W=read/write Notes: 1. The contents of the I/O port DR registers are readable only in output configuration. In input configura- tion, the values of the I/O pins are returned instead of the DR register contents. 2. The bits associated with unavailable pins must always keep their reset value. 3. For a description of the Debug Module registers, see ICC reference manual. 0037h ITC EICR External Interrupt Control Register 00h R/W 0038h MCC MCCSR Main Clock Control/Status Register 00h R/W 0039h 003Ah Clock and Reset RCCR SICSR RC oscillator Control Register System Integrity Control/Status Register FFh 0000 0XX0h R/W R/W 003Bh Reserved area (1 byte) 003Ch ITC EISR External Interrupt Selection Register 0Ch R/W 003Dh to 0048h Reserved area (12 bytes) 0049h 004Ah AWU AWUPR AWUCSR AWU Prescaler Register AWU Control/Status Register FFh 00h R/W R/W 004Bh 004Ch 004Dh 004Eh 004Fh 0050h DM3) DMCR DMSR DMBK1H DMBK1L DMBK2H DMBK2L DM Control Register DM Status Register DM Breakpoint Register 1 High DM Breakpoint Register 1 Low DM Breakpoint Register 2 High DM Breakpoint Register 2 Low 00h 00h 00h 00h 00h 00h R/W R/W R/W R/W R/W R/W 0051h to 007Fh Reserved area (47 bytes) Address Block Register Label Register Name Reset Status Remarks 1 |