データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72631K4D1 データシート(PDF) 21 Page - STMicroelectronics

部品番号 ST72631K4D1
部品情報  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631K4D1 データシート(HTML) 21 Page - STMicroelectronics

Back Button ST72631K4D1 Datasheet HTML 17Page - STMicroelectronics ST72631K4D1 Datasheet HTML 18Page - STMicroelectronics ST72631K4D1 Datasheet HTML 19Page - STMicroelectronics ST72631K4D1 Datasheet HTML 20Page - STMicroelectronics ST72631K4D1 Datasheet HTML 21Page - STMicroelectronics ST72631K4D1 Datasheet HTML 22Page - STMicroelectronics ST72631K4D1 Datasheet HTML 23Page - STMicroelectronics ST72631K4D1 Datasheet HTML 24Page - STMicroelectronics ST72631K4D1 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
ST7263
21/109
INTERRUPTS (Cont’d)
Figure 15. Interrupt Processing Flowchart
Table 7. Interrupt Mapping
BIT I SET
Y
N
IRET
Y
N
FROM RESET
LOAD PC FROM INTERRUPT VECTOR
STACK PC, X, A, CC
SET I BIT
FETCH NEXT INSTRUCTION
EXECUTE INSTRUCTION
THIS CLEARS I BIT BY DEFAULT
RESTORE PC, X, A, CC FROM STACK
INTERRUPT
Y
N
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT
Vector
Address
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software Interrupt
no
FFFCh-FFFDh
USB
End Suspend Mode
ISTR
yes
FFFAh-FFFBh
1
ITi
External Interrupts
ITRFRE
FFF8h-FFF9h
2
TIMER
Timer Peripheral Interrupts
TIMSR
no
FFF6h-FFF7h
3I2CI2C Peripheral Interrupts
I2CSR1
FFF4h-FFF5h
I2CSR2
4
SCI
SCI Peripheral Interrupts
SCISR
FFF2h-FFF3h
5
USB
USB Peripheral Interrupts
ISTR
FFF0h-FFF1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More