データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7SCR1R4 データシート(PDF) 88 Page - STMicroelectronics

部品番号 ST7SCR1R4
部品情報  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 データシート(HTML) 88 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 84Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 85Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 86Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 87Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 88Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 89Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 90Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 91Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
ST7SCR
88/102
EMC CHARACTERISTICS (Cont’d)
Multisupply Configuration
When several types of ground (VSS, VSSA, ...) and
power supply (VDD, VDDA, ...) are available for any
reason (better noise immunity...), the structure
shown in Figure 44 is implemented to protect the
device against ESD.
Figure 44. Multisupply Configuration
VDDA
VSSA
VDDA
VDD
VSS
BACK TO BACK DIODE
BETWEEN GROUNDS
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More