| データシートサーチシステム |
|
ST9291N4 データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9291N4 データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 20 page ![]() EXAMPLES Using the Single 16 Register Group When the system is operating in the single 16-reg- ister group mode, the registers are referred to as r0-r15. In this mode, the offset value (i.e. the num- ber of the working register referred to) is supplied in the address (preceded by a small r, e.g. r5) and is added to the Register Pointer 0 value to give the absolute address. For example, if the Register Pointer contains the value 70h, then working register r7 would have the absolute address, R77h. In this mode, the single 16-registers group will al- ways start from the lowest even number equal or lower to the number given in the instruction. Example: srp #3 is equivalent to srp #2. Using the Twin 8-Register Group When working in the twin working group mode, the registers pointed by Register Pointer 0 (RP0R), are referred as r0-r7 and those pointed by Register Pointer 1 (RP1R), are referred to as r8-r15, regard- less of their absolute addresses. In this mode, when operating with the first 8 working registers (i.e. r0 - r7) the working register number acts as an offset which is added to the value in Register Pointer 0. So if Register Pointer 0 contains the value 96, then working register 0 has the absolute address 96, working register 5 has the absolute address 101, and so on. The second group of working registers, r8-r15, has the offset values 0 to 7 respectively (i.e. r8 has the offset value 0, r9 has the offset value 1, and so on), this offset value being added to the value in Register Pointer 1. For example, given that the value in Register Pointer 1 is 32, then working register 12 supplies an offset value of 4 (given by 12 minus 8) to the value in Register Pointer 1 to give an absolute ad- dress of 36. SYSTEM REGISTERS (Continued) GROUP F VA00097 WORKING REGISTER POINTER 0 255 240 239 r15 r0 GROUP E GROUP 4 0 224 REGISTER Figure 1-9. Single 16 Register pointing Mode GROUP F VA00098 REGISTER POINTER 1 REGISTER POINTER 0 255 240 239 224 r7 r0 r15 r8 GROUP E GROUP 8 GROUP 3 0 WORKING REGISTER WORKING REGISTER Figure 1-10. Double Register pointing Mode ® ST9291 14/20 |