| データシートサーチシステム |
|
ST95P04B6TR データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST95P04B6TR データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 16 page ![]() ORDERING INFORMATION SCHEME For a list of available options (Package, Temperature Range, etc...) refer to the current Memory Shortform catalogue. For further information on any aspect of this device, please contact the SGS-THOMSON Sales Office nearest to you. Notes: P * Data In strobed on rising edge of the clock (C) and Data Out synchronized from the falling edge of the clock. 3 * Temperature range on special request only. Data Strobe P * D Q Package B PSDIP8 0.25 mm Frame M SO8 1501mil Width Temperature Range 1 0 to 70 °C 6 –40 to 85 °C 3 * –40 to 125 °C Option TR Tape & Reel Packing Example: ST95P04 M 6 TR 13/16 ST95P04 |