データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST95P08M6TR データシート(PDF) 2 Page - STMicroelectronics

部品番号 ST95P08M6TR
部品情報  SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95P08M6TR データシート(HTML) 2 Page - STMicroelectronics

  ST95P08M6TR Datasheet HTML 1Page - STMicroelectronics ST95P08M6TR Datasheet HTML 2Page - STMicroelectronics ST95P08M6TR Datasheet HTML 3Page - STMicroelectronics ST95P08M6TR Datasheet HTML 4Page - STMicroelectronics ST95P08M6TR Datasheet HTML 5Page - STMicroelectronics ST95P08M6TR Datasheet HTML 6Page - STMicroelectronics ST95P08M6TR Datasheet HTML 7Page - STMicroelectronics ST95P08M6TR Datasheet HTML 8Page - STMicroelectronics ST95P08M6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 85
°C
TSTG
Storage Temperature
–65 to 150
°C
TLEAD
Lead Temperature, Soldering
(SO8 package)
(PSDIP8 package)
40 sec
10 sec
215
260
°C
VO
Output Voltage
–0.3 to VCC +0.6
V
VI
Input Voltage
–0.3 to 6.5
V
VCC
Supply Voltage
–0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model)
(2)
4000
V
Electrostatic Discharge Voltage (Machine model)
(3)
500
V
Notes: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings"
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the SGS-THOMSON SURE Program and
other relevant quality documents.
2. MIL-STD-883C, 3015.7 (100pF, 1500
Ω)
3. EIAJ IC-121 (Condition C) (200pF, 0
Ω)
Table 2. Absolute Maximum Ratings (1)
SIGNALS DESCRIPTION
Serial Output (Q). The output pin is used to trans-
fer data serially out of the ST95P02. Data is shifted
out on the falling edge of the serial clock.
Serial Input (D). The input pin is used to transfer
data serially into the device. It receives instructions,
addresses, and data to be written. Input is latched
on the rising edge of the serial clock.
Serial Clock (C). The serial clock provides the
timing of the serial interface. Instructions, ad-
dresses, or data present at the input pin are latched
on the rising edge of the clock input, while data on
the Q pin changes after the falling edge of the clock
input.
Chip Select (S). This input is used to select the
ST95P02. The chip is selected by a high to low
transition on the S pin when C is at ’0’ state. At any
time, the chip is deselected by a low to high transi-
tion on the S pin when C is at ’0’ state. As soon as
the chip is deselected, the Q pin is at high imped-
ance state. This pin allows multiple ST95P02 to
share the same SPI bus. After power up, the chip
is at the deselect state. Transitions of S are ignored
when C is at ’1’ state.
D
VSS
C
HOLD
Q
SVCC
W
AI01257
ST95P02
1
2
3
4
8
7
6
5
Figure 2A. DIP Pin Connections
1
AI01258B
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
W
ST95P02
Figure 2B. SO Pin Connections
2/16
ST95P02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16