| データシートサーチシステム |
|
ST72311R7T7 データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72311R7T7 データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 164 page ![]() ST72311R, ST72511R, ST72512R, ST72532R 30/164 INTERRUPTS (Cont’d) 6.3 INTERRUPTS AND LOW POWER MODES All interrupts allow the processor to exit the WAIT low power mode. On the contrary, only external and other specified interrupts allow the processor to exit the HALT modes (see column “Exit from HALT” in “Interrupt Mapping” table). When several pending interrupts are present while exiting HALT mode, the first one serviced can only be an inter- rupt with exit from HALT mode capability and it is selected through the same decision process shown in Figure 15 Note: If an interrupt, that is not able to Exit from HALT mode, is pending with the highest priority when exiting HALT mode, this interrupt is serviced after the first one serviced. 6.4 CONCURRENT & NESTED MANAGEMENT The following Figure 16 and Figure 17 show two different interrupt management modes. The first is called concurrent mode and does not allow an in- terrupt to be interrupted, unlike the nested mode in Figure 17 The interrupt hardware priority is given in this order from the lowest to the highest: MAIN, IT4, IT3, IT2, IT1, IT0, TLI. The software priority is given for each interrupt. Warning: A stack overflow may occur without no- tifying the software of the failure. Figure 16. Concurrent interrupt management Figure 17. Nested interrupt management MAIN IT4 IT2 IT1 TLI IT1 MAIN IT0 I1 SOFTWARE 3 3 3 3 3 3/0 3 11 11 11 11 11 11 / 10 11 RIM IT3 I0 10 PRIORITY LEVEL MAIN IT2 TLI MAIN IT0 3 2 1 3 3 3/0 3 11 00 01 11 11 11 RIM IT1 IT4 IT4 IT1 IT2 IT3 I1 I0 11 / 10 10 SOFTWARE PRIORITY LEVEL |