データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST62E08BD3/EPROM データシート(PDF) 35 Page - STMicroelectronics

部品番号 ST62E08BD3/EPROM
部品情報  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E08BD3/EPROM データシート(HTML) 35 Page - STMicroelectronics

Back Button ST62E08BD3/EPROM Datasheet HTML 31Page - STMicroelectronics ST62E08BD3/EPROM Datasheet HTML 32Page - STMicroelectronics ST62E08BD3/EPROM Datasheet HTML 33Page - STMicroelectronics ST62E08BD3/EPROM Datasheet HTML 34Page - STMicroelectronics ST62E08BD3/EPROM Datasheet HTML 35Page - STMicroelectronics ST62E08BD3/EPROM Datasheet HTML 36Page - STMicroelectronics ST62E08BD3/EPROM Datasheet HTML 37Page - STMicroelectronics ST62E08BD3/EPROM Datasheet HTML 38Page - STMicroelectronics ST62E08BD3/EPROM Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
ST6208C/ST6209C/ST6210C/ST6220C
35/104
STOP MODE (Cont’d)
Figure 22. STOP Mode Flowchart
Notes:
1. EXCTNL is an option bit. See option byte section for more details.
2. Peripheral clocked with an external clock source can still be active.
3. Only some specific interrupts can exit the MCU from STOP mode (such as external interrupt). Refer to
the Interrupt Mapping table for more details.
STOP INSTRUCTION
RESET
INTERRUPT 3)
Y
N
N
Y
FETCH RESET VECTOR
OR SERVICE INTERRUPT
WATCHDOG
ENABLE
DISABLE
EXCTNL
1
1
LEVEL
ON
NMI PIN
0
0
RESET
INTERRUPT
N
N
Y
Y
VALUE 1)
Clock to CPU
OSCILLATOR
Clock to PERIPHERALS2)
Off
No
No
2048
DELAY
Clock to CPU
OSCILLATOR
Clock to PERIPHERALS
Restart
Yes
Yes
Clock to CPU
OSCILLATOR
Clock to PERIPHERALS
On
Yes
Yes
Clock to CPU
OSCILLATOR
Clock to PERIPHERALS
On
Yes
No
CLOCK CYCLE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More