| データシートサーチシステム |
|
EMC646SP16JS-45L データシート(PDF) 10 Page - Emerging Memory & Logic Solutions Inc |
|
|
|||||||||||||||||||||||||||||
EMC646SP16JS-45L データシート(HTML) 10 Page - Emerging Memory & Logic Solutions Inc |
|
10 / 65 page ![]() EMC646SP16J 4Mx16 CellularRAM 10 Preliminary Bus Operating Modes 64M CelluarRAM products incorporate a burst mode interface found on Flash products targeting low-power, wireless applications. This bus interface supports asynchronous, page mode, and burst mode read and write transfers. The specific interface supported is defined by the value loaded into the BCR. Page mode is controlled by the refresh configuration register (RCR[7]). Asynchronous Mode CellularRAM products power up in the asynchronous operating mode.This mode uses the industry- standard SRAM control bus (CE#, OE#, WE#, and LB#/UB#). READ operations (Figure 3) are initiated by bringing CE#, OE#, and LB#/UB# LOW while keeping WE# HIGH. Valid data will be driven out of the I/Os after the specified access time has elapsed. WRITE operations (Figure 4) occur when CE#, WE#, and LB#/UB# are driven LOW. During asychronous WRITE operations, the OE# level is a “Don’t care”, and WE# will over- ride OE#. The data to be written is latched on the rising edge of CE#, WE#, or LB#/UB# (whichever occurs first). Asychronous opera- tions (page mode disabled) can either use the ADV# input to latch the address, or ADV# can be driven LOW during the entire READ/ WRITE operation. During asychronous operation, the CLK input must be held static LOW. WAIT will be driven while the device is enabled and its state should be ignored. WE# LOW time must be limited to tCEM Figure 3: READ Operation (ADV# LOW) Note: ADV# must remain Low for PAGE MODE operation. High-Z Don’t Care CE# Address OE# LB#/UB# DATA tRC = READ Cycle Time Data Valid Address Valid WE# |