データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB5610 データシート(PDF) 10 Page - STMicroelectronics

部品番号 STB5610
部品情報  GPS RF FRONT-END IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5610 データシート(HTML) 10 Page - STMicroelectronics

Back Button STB5610 Datasheet HTML 3Page - STMicroelectronics STB5610 Datasheet HTML 4Page - STMicroelectronics STB5610 Datasheet HTML 5Page - STMicroelectronics STB5610 Datasheet HTML 6Page - STMicroelectronics STB5610 Datasheet HTML 7Page - STMicroelectronics STB5610 Datasheet HTML 8Page - STMicroelectronics STB5610 Datasheet HTML 9Page - STMicroelectronics STB5610 Datasheet HTML 10Page - STMicroelectronics STB5610 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STB5610
10/11
MECHANICAL DATA
mm
MIN.
TYP.
MAX
A
1.60
A1
0.05
0.15
A2
1.35
1.40
1.45
D
8.75
9.00
9.25
D1
6.9
7.00
7.1
E
8.75
9.00
9.25
E1
6.9
7.00
7.1
L
0.5
0.60
0.75
e0.5
b
0.17
0.22
0.27
ccc
0.08
ddd
0.08
TETA
0o
7o
DIM.
Note: L is measured at gage plane (at 0.25 above the seating plane)



Html Pages

1 2 3 4 5 6 7 8 9 10 11