データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS310 データシート(PDF) 2 Page - TAITRON Components Incorporated

部品番号 SS310
部品情報  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAITRON [TAITRON Components Incorporated]
ホームページ  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SS310 データシート(HTML) 2 Page - TAITRON Components Incorporated

  SS310 Datasheet HTML 1Page - TAITRON Components Incorporated SS310 Datasheet HTML 2Page - TAITRON Components Incorporated SS310 Datasheet HTML 3Page - TAITRON Components Incorporated SS310 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS32 – SS310
Surface Mount Schottky Barrier Rectifier
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve
Lead Temperature (°C)
Fig.2- Non-repetitive Peak Forward Surge Current
Number of Cycles at 60Hz
Fig.4- Typical Reverse Current
Characteristics
Percent of Rated Peak Reverse Voltage (%)
Fig.3- Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (V)
Rev. A/WW
www.taitroncomponents.com
Page 2 of 4



Html Pages

1 2 3 4