データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7001 データシート(PDF) 4 Page - STMicroelectronics

部品番号 7001
部品情報  900 MHz THREE GAIN LEVEL LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7001 データシート(HTML) 4 Page - STMicroelectronics

  7001 Datasheet HTML 1Page - STMicroelectronics 7001 Datasheet HTML 2Page - STMicroelectronics 7001 Datasheet HTML 3Page - STMicroelectronics 7001 Datasheet HTML 4Page - STMicroelectronics 7001 Datasheet HTML 5Page - STMicroelectronics 7001 Datasheet HTML 6Page - STMicroelectronics 7001 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STB7001
4/7
MID GAIN
Freq.
VSWRi
VSWRo
Isolation
Gain
905
1.18
1.10
-44.66
17.41
912.5
1.18
1.11
-43.96
17.36
913.5
1.18
1.11
-46.54
17.32
927.5
1.18
1.12
-46.48
17.28
935
1.18
1.12
-46.39
17.25
942.5
1.18
1.13
-48.29
17.19
950
1.18
1.13
-47.05
17.16
957.5
1.19
1.13
-48.72
17.11
965
1.20
1.14
-50.07
17.07
972.5
1.20
1.14
-50.48
17.02
980
1.21
1.15
-55.86
16.96
987.5
1.22
1.15
-52.12
16.92
995
1.23
1.15
-56.92
16.86
MAX GAIN
Freq.
VSWRi
VSWRo
Isolation
Gain
905
1.16
1.15
-43.61
25.09
912.5
1.15
1.17
-45.69
25.04
913.5
1.15
1.17
-42.84
24.98
927.5
1.15
1.17
-43.36
24.92
935
1.14
1.18
-42.42
24.85
942.5
1.14
1.19
-48.58
24.79
950
1.14
1.20
-47.86
24.72
957.5
1.13
1.18
-41.52
24.68
965
1.13
1.19
-45.53
24.61
972.5
1.14
1.22
-49.18
24.57
980
1.13
1.20
-44.99
24.48
987.5
1.14
1.21
-47.83
24.41
995
1.14
1.21
-45.33
24.35
INPUT/OUTPUT VSWR, ISOLATION AND GAIN PARAMETERS (MEASURED DATA)



Html Pages

1 2 3 4 5 6 7