データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

381LR データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 381LR
部品情報  105 째C Ultra-High-Ripple Snap-in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

381LR データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  381LR Datasheet HTML 1Page - List of Unclassifed Manufacturers 381LR Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LR Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 381LR 105 °C Ultra-High-Ripple Snap-in
ESR Max
@ 25º C
Ripple Amps
@ 105 ºC
Nominal
Size
D x L
(mm)
ESR Max
@ 25º C
Ripple Amps
@ 105 ºC
Nominal
Size
D x L
(mm)
Cap.
(µF)
Catalog
Part Number
120 Hz
(Ω)
20 kHz
(Ω)
120 Hz
(A)
20 kHz
(A)
Cap.
(µF)
Catalog
Part Number
120 Hz
(Ω)
20 kHz
(Ω)
120 Hz
(A)
20 kHz
(A)
200 Vdc (250 Vdc Surge)
400 Vdc (450 Vdc Surge)
270
381LR271M200H012
0.553
0.249
1.42
2.03
22 X 25
220
381LR221M400A012
0.603
0.271
1.42
2.03
35 X 25
330
381LR331M200H022
0.452
0.203
1.56
2.23
22 X 30
270
381LR271M400J452
0.491
0.221
1.56
2.23
25 X 45
390
381LR391M200H022
0.383
0.172
1.71
2.44
22 X 30
270
381LR271M400K032
0.491
0.221
1.56
2.23
30 X 35
390
381LR391M200J012
0.383
0.172
1.71
2.44
25 X 25
270
381LR271M400A022
0.491
0.221
1.56
2.23
35 X 30
470
381LR471M200H032
0.317
0.143
1.85
2.64
22 X 35
330
381LR331M400K042
0.402
0.181
1.71
2.44
30 X 40
470
381LR471M200J022
0.317
0.143
1.85
2.64
25 X 30
330
381LR331M400A022
0.402
0.181
1.71
2.44
35 X 30
560
381LR561M200H042
0.266
0.120
2.14
3.05
22 X 40
390
381LR391M400K452
0.34
0.153
1.85
2.64
30 X 45
560
381LR561M200J022
0.266
0.120
2.14
3.05
25 X 30
390
381LR391M400A032
0.34
0.153
1.85
2.64
35 X 35
560
381LR561M200K012
0.266
0.120
2.14
3.05
30 X 25
470
381LR471M400A042
0.282
0.127
2.01
2.87
35 X 40
680
381LR681M200H452
0.219
0.099
2.42
3.45
22 X 45
560
381LR561M400A452
0.237
0.107
2.35
3.36
35 X 45
680
381LR681M200J032
0.219
0.099
2.42
3.45
25 X 35
420 Vdc (470 Vdc Surge)
680
381LR681M200K022
0.219
0.099
2.42
3.45
30 X 30
68
381LR680M420H012
1.95
0.878
0.76
1.08
22 X 25
820
381LR821M200H052
0.182
0.082
2.63
3.76
22 X 50
82
381LR820M420H022
1.617
0.728
0.8
1.14
22 X 30
820
381LR821M200J042
0.182
0.082
2.63
3.76
25 X 40
82
381LR820M420J012
1.617
0.728
0.8
1.14
25 X 25
820
381LR821M200K022
0.182
0.082
2.63
3.76
30 X 30
100
38L1R101M420H022
1.326
0.597
0.91
1.3
22 X 30
820
381LR821M200A012
0.182
0.082
2.63
3.76
35 X 25
100
381LR101M420J012
1.326
0.597
0.91
1.3
25 X 25
1000
381LR102M200J452
0.149
0.067
2.84
4.06
25 X 45
120
381LR121M420H032
1.105
0.497
1.02
1.46
22 X 35
1000
381LR102M200K032
0.149
0.067
2.84
4.06
30 X 35
120
381LR121M420J022
1.105
0.497
1.02
1.46
25 X 30
1000
381LR102M200A022
0.149
0.067
2.84
4.06
35 X 30
150
381LR151M420H042
0.884
0.398
1.07
1.53
22 X 40
1200
381LR122M200K042
0.124
0.062
3.13
4.47
30 X 40
150
381LR151M420J032
0.884
0.398
1.07
1.53
25 X 35
1200
381LR122M200A032
0.124
0.062
3.13
4.47
35 X 35
150
381LR151M420K012
0.884
0.398
1.07
1.53
30 X 25
1500
381LR152M200K052
0.099
0.050
3.56
5.06
30 X 50
180
381LR181M420H452
0.737
0.332
1.12
1.6
22 X 45
1500
381LR152M200A042
0.099
0.050
3.56
5.06
35 X 40
180
381LR181M420J042
0.737
0.332
1.12
1.6
25 X 40
1800
381LR182M200A452
0.083
0.041
3.84
5.48
35 X 45
180
381LR181M420K022
0.737
0.332
1.12
1.6
30 X 30
2200
381LR222M200A052
0.066
0.040
4.12
5.89
35 X 50
180
381LR181M420A012
0.737
0.332
1.12
1.6
35 X 25
250 Vdc (300 Vdc Surge)
220
381LR221M420J452
0.603
0.271
1.42
2.03
25 X 45
220
381LR221M250H022
0.678
0.305
1.28
1.83
22 X 30
220
381LR221M420K032
0.603
0.271
1.42
2.03
30 X 35
270
381LR271M250H022
0.553
0.249
1.42
2.03
22 X 30
220
381LR221M420A022
0.603
0.271
1.42
2.03
35 X 30
270
381LR271M250J012
0.553
0.249
1.42
2.03
25 X 25
270
381LR271M420J052
0.491
0.221
1.68
2.4
25 X 50
330
381LR331M250H032
0.452
0.203
1.64
2.34
22 X 35
270
381LR271M420K042
0.491
0.221
1.68
2.4
30 X 40
330
381LR331M250J022
0.452
0.203
1.64
2.34
25 X 30
270
381LR271M420A022
0.491
0.221
1.68
2.4
35 X 30
390
381LR391M250H042
0.383
0.172
1.72
2.45
22 X 40
330
381LR331M420K452
0.402
0.181
1.78
2.54
30 X 45
390
381LR391M250J022
0.383
0.172
1.72
2.45
25 X 30
330
381LR331M420A032
0.402
0.181
1.78
2.54
35 X 35
390
381LR391M250K012
0.383
0.172
1.72
2.45
30 X 25
390
381LR391M420K052
0.34
0.153
1.91
2.73
30 X 50
470
381LR471M250H452
0.317
0.143
1.85
2.64
22 X 45
390
381LR391M420A042
0.34
0.153
1.91
2.73
35 X 40
470
381LR471M250J032
0.317
0.143
1.85
2.64
25 X 35
470
381LR471M420A452
0.282
0.127
2.23
3.18
35 X 45
470
381LR471M250K022
0.317
0.143
1.85
2.64
30 X 30
450 Vdc (500 Vdc Surge)
560
381LR561M250J042
0.266
0.120
2.14
3.05
25 X 40
56
381LR560M450H012
2.368
1.066
0.67
0.95
22 X 25
560
381LR561M250K022
0.266
0.120
2.14
3.05
30 X 30
68
381LR680M450H022
1.95
0.878
0.76
1.08
22 X 30
560
381LR561M250A012
0.266
0.120
2.14
3.05
35 X 25
68
381LR680M450J012
1.95
0.878
0.76
1.08
25 X 25
680
381LR681M250J452
0.219
0.099
2.42
3.45
25 X 45
82
381LR820M450H022
1.617
0.728
0.8
1.14
22 X 30
680
381LR681M250K032
0.219
0.099
2.42
3.45
30 X 35
82
381LR820M450J012
1.617
0.728
0.8
1.14
25 X 25
680
381LR681M250A022
0.219
0.099
2.42
3.45
35 X 30
100
381LR101M450H032
1.326
0.597
0.91
1.3
22 X 35
820
381LR821M250K042
0.182
0.082
2.63
3.76
30 X 40
100
381LR101M450J022
1.326
0.597
0.91
1.3
25 X 30
820
381LR821M250A032
0.182
0.082
2.63
3.76
35 X 35
120
381LR121M450H042
1.105
0.497
1.02
1.46
22 X 40
1000
381LR102M250K052
0.149
0.067
2.84
4.06
30 X 50
120
381LR121M450J032
1.105
0.497
1.02
1.46
25 X 35
1000
381LR102M250A042
0.149
0.067
2.84
4.06
35 X 40
120
381LR121M450K012
1.105
0.497
1.02
1.46
30 X 25
1200
381LR122M250A452
0.124
0.062
3.13
4.47
35 X 45
150
381LR151M450H452
0.884
0.396
1.07
1.53
22 X 45
1500
381LR152M250A052
0.099
0.050
3.56
5.06
35 X 50
150
381LR151M450J042
0.884
0.396
1.07
1.53
25 X 40
400 Vdc (450 Vdc Surge)
150
381LR151M450K022
0.884
0.396
1.07
1.53
30 X 30
82
381LR820M400H012
1.617
0.728
0.8
1.14
22 X 25
150
381LR151M450A012
0.884
0.396
1.07
1.53
35 X 25
100
381LR101M400H022
1.326
0.597
0.91
1.3
22 X 30
180
381LR181M450H052
0.737
0.332
1.12
1.6
22 X 50
100
381LR101M400J012
1.326
0.597
0.91
1.3
25 X 25
180
381LR181M450J042
0.737
0.332
1.12
1.6
25 X 40
120
381LR121M400H032
1.105
0.497
1.02
1.46
22 X 35
180
381LR181M450K022
0.737
0.332
1.12
1.6
30 X 30
120
381LR121M400J022
1.105
0.497
1.02
1.46
25 X 30
180
381LR181M450A012
0.737
0.332
1.12
1.6
35 X 25
150
381LR151M400H042
1.105
0.387
1.07
1.53
22 X 40
220
381LR221M450J452
0.603
0.271
1.42
2.03
25 X 45
150
381LR151M400J022
1.105
0.387
1.07
1.53
25 X 30
220
381LR221M450K032
0.603
0.271
1.42
2.03
30 X 35
150
381LR151M400K012
1.105
0.387
1.07
1.53
30 X 25
220
381LR221M450A022
0.603
0.271
1.42
2.03
35 X 30
180
381LR181M400H452
0.737
0.322
1.12
1.6
22 X 45
270
381LR271M450K042
0.491
0.221
1.72
2.45
30 X 40
180
381LR181M400J032
0.737
0.322
1.12
1.6
25 X 35
270
381LR271M450A032
0.491
0.221
1.72
2.45
35 X 35
180
381LR181M400K022
0.737
0.322
1.12
1.6
30 X 30
330
381LR331M450K052
0.402
0.181
1.85
2.64
30 X 50
220
381LR221M400H052
0.603
0.271
1.42
2.03
22 X 50
330
381LR331M450A042
0.402
0.181
1.85
2.64
35 X 40
220
381LR221M400J042
0.603
0.271
1.42
2.03
25 X 40
390
381LR391M450A042
0.34
0.153
1.97
2.82
35 X 40
220
381LR221M400K022
0.603
0.271
1.42
2.03
30 X 30
470
381LR471M450A052
0.282
0.127
2.47
3.53
35 X 50
Ratings
RoHS Compliant



Html Pages

1 2 3