データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7002 データシート(PDF) 4 Page - STMicroelectronics

部品番号 7002
部品情報  1.8GHz THREE GAIN LEVEL LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7002 データシート(HTML) 4 Page - STMicroelectronics

  7002 Datasheet HTML 1Page - STMicroelectronics 7002 Datasheet HTML 2Page - STMicroelectronics 7002 Datasheet HTML 3Page - STMicroelectronics 7002 Datasheet HTML 4Page - STMicroelectronics 7002 Datasheet HTML 5Page - STMicroelectronics 7002 Datasheet HTML 6Page - STMicroelectronics 7002 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STB7002
4/7
MAX GAIN
Freq.
VSWRi
VSWRo
Isolation
Gain
1802
1.48
1.94
-36.91
24.83
1813
1.45
1.94
-36.37
24.79
1824
1.43
1.94
-35.51
24.76
1835
1.41
1.93
-35.14
24.75
1846
1.38
1.92
-34.95
24.74
1857
1.36
1.91
-34.03
24.71
1868
1.35
1.89
-34.17
24.68
1879
1.33
1.87
-33.08
24.59
1890
1.32
1.84
-33.53
24.52
1901
1.30
1.83
-32.87
24.45
1912
1.29
1.79
-33.03
24.38
1923
1.28
1.77
-32.55
24.29
MID GAIN
Freq.
VSWRi
VSWRo
Isolation
Gain
1802
2.14
1.67
-36.70
18.32
1813
2.15
1.68
-36.07
18.33
1824
2.14
1.69
-35.58
18.34
1835
2.14
1.69
-35.13
18.37
1846
2.13
1.69
-34.51
18.40
1857
2.12
1.69
-33.92
18.43
1868
2.11
1.68
-33.38
18.45
1879
2.10
1.68
-32.30
18.42
1890
2.10
1.67
-33.39
18.41
1901
2.09
1.66
-32.80
18.39
1912
2.08
1.65
-32.72
18.35
1923
2.08
1.63
-32.20
18.32
INPUT/OUTPUT VSWR, ISOLATION AND GAIN PARAMETERS (MEASURED DATA)



Html Pages

1 2 3 4 5 6 7