データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW80NF12 データシート(PDF) 5 Page - STMicroelectronics

部品番号 STW80NF12
部品情報  N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D²PAK STripFET™ II POWER MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW80NF12 データシート(HTML) 5 Page - STMicroelectronics

  STW80NF12 Datasheet HTML 1Page - STMicroelectronics STW80NF12 Datasheet HTML 2Page - STMicroelectronics STW80NF12 Datasheet HTML 3Page - STMicroelectronics STW80NF12 Datasheet HTML 4Page - STMicroelectronics STW80NF12 Datasheet HTML 5Page - STMicroelectronics STW80NF12 Datasheet HTML 6Page - STMicroelectronics STW80NF12 Datasheet HTML 7Page - STMicroelectronics STW80NF12 Datasheet HTML 8Page - STMicroelectronics STW80NF12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
STB80NF12 STW80NF12 STP80NF12 STP80NF12FP
Gate Charge vs Gate-source Voltage
Capacitance Variations
Normalized Gate Threshold Voltage vs Temperature
Normalized on Resistance vs Temperature
Source-drain Diode Forward Characteristics
Normalized Breakdown Voltage Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12