データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2STA2120 データシート(PDF) 5 Page - STMicroelectronics

部品番号 2STA2120
部品情報  High power PNP epitaxial planar bipolar transistorl
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STA2120 データシート(HTML) 5 Page - STMicroelectronics

  2STA2120 Datasheet HTML 1Page - STMicroelectronics 2STA2120 Datasheet HTML 2Page - STMicroelectronics 2STA2120 Datasheet HTML 3Page - STMicroelectronics 2STA2120 Datasheet HTML 4Page - STMicroelectronics 2STA2120 Datasheet HTML 5Page - STMicroelectronics 2STA2120 Datasheet HTML 6Page - STMicroelectronics 2STA2120 Datasheet HTML 7Page - STMicroelectronics 2STA2120 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2STA2120
Package mechanical data
5/8
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8