| データシートサーチシステム |
|
BD179 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD179 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() Electrical ratings BD179 2/9 1 Electrical ratings Table 2. Absolute maximum rating Symbol Parameter Value Unit VCBO Collector-base voltage (IE = 0) 80 V VCEO Collector-base voltage (IB = 0) 80 V VEBO Emitter-base voltage (IC = 0) 5 V IC Collector current 3 A ICM Collector current current (tp < 5ms) 7 A IB Base current 1 A PTOT Total dissipation at Tcase = 25°C 30 W Tstg Storage temperature -65 to 150 °C TJ Max. operating junction temperature 150 °C |