データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD179 データシート(PDF) 7 Page - STMicroelectronics

部品番号 BD179
部品情報  NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD179 データシート(HTML) 7 Page - STMicroelectronics

  BD179 Datasheet HTML 1Page - STMicroelectronics BD179 Datasheet HTML 2Page - STMicroelectronics BD179 Datasheet HTML 3Page - STMicroelectronics BD179 Datasheet HTML 4Page - STMicroelectronics BD179 Datasheet HTML 5Page - STMicroelectronics BD179 Datasheet HTML 6Page - STMicroelectronics BD179 Datasheet HTML 7Page - STMicroelectronics BD179 Datasheet HTML 8Page - STMicroelectronics BD179 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BD179
Package mechanical data
7/9
DIM.
mm.
MIN.
TYP
MAX.
A2.4
2.9
B
0.64
0.88
B1
0.39
0.63
D
10.5
11.05
E7.4
7.8
e
2.04
2.29
2.54
e1
4.07
4.58
5.08
L15.3
16
P2.9
3.2
Q3.8
Q1
1
1.52
H2
2.15
I1.27
SOT-32 (TO-126) MECHANICAL DATA
0016114E



Html Pages

1 2 3 4 5 6 7 8 9