データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD533 データシート(PDF) 9 Page - STMicroelectronics

部品番号 BD533
部品情報  Complementary power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD533 データシート(HTML) 9 Page - STMicroelectronics

Back Button BD533 Datasheet HTML 3Page - STMicroelectronics BD533 Datasheet HTML 4Page - STMicroelectronics BD533 Datasheet HTML 5Page - STMicroelectronics BD533 Datasheet HTML 6Page - STMicroelectronics BD533 Datasheet HTML 7Page - STMicroelectronics BD533 Datasheet HTML 8Page - STMicroelectronics BD533 Datasheet HTML 9Page - STMicroelectronics BD533 Datasheet HTML 10Page - STMicroelectronics BD533 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BD533 BD534 BD535 BD536 BD537
Package mechanical data
9/11
DIM.
mm.
MIN.
TYP
MAX.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.49
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
øP
3.75
3.85
Q
2.65
2.95
TO-220 Mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11