データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD534 データシート(PDF) 8 Page - STMicroelectronics

部品番号 BD534
部品情報  Complementary power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD534 データシート(HTML) 8 Page - STMicroelectronics

Back Button BD534 Datasheet HTML 3Page - STMicroelectronics BD534 Datasheet HTML 4Page - STMicroelectronics BD534 Datasheet HTML 5Page - STMicroelectronics BD534 Datasheet HTML 6Page - STMicroelectronics BD534 Datasheet HTML 7Page - STMicroelectronics BD534 Datasheet HTML 8Page - STMicroelectronics BD534 Datasheet HTML 9Page - STMicroelectronics BD534 Datasheet HTML 10Page - STMicroelectronics BD534 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
BD533 BD534 BD535 BD536 BD537
8/11
2
Package mechanical data
In order to meet environmental requirements, ST offers these devices in
ECOPACK® packages. These packages have a Lead-free second level
interconnect . The category of second level interconnect is marked on the
package and on the inner box label, in compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner
box label. ECOPACK is an ST trademark. ECOPACK specifications are available
at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11