データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D1802 データシート(PDF) 7 Page - STMicroelectronics

部品番号 D1802
部品情報  Low voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1802 データシート(HTML) 7 Page - STMicroelectronics

Back Button D1802 Datasheet HTML 2Page - STMicroelectronics D1802 Datasheet HTML 3Page - STMicroelectronics D1802 Datasheet HTML 4Page - STMicroelectronics D1802 Datasheet HTML 5Page - STMicroelectronics D1802 Datasheet HTML 6Page - STMicroelectronics D1802 Datasheet HTML 7Page - STMicroelectronics D1802 Datasheet HTML 8Page - STMicroelectronics D1802 Datasheet HTML 9Page - STMicroelectronics D1802 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STD1802T4-A
Package mechanical data
7/10
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10