| データシートサーチシステム |
|
D2805 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
D2805 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. June 2007 Rev 1 1/9 9 Table 1. Devices summary Order codes Marking Package Packaging STD2805T4 D2805 DPAK Tape & reel STD2805-1 D2805 IPAK Tube STD2805 Low voltage fast-switching PNP power transistor Features ■ Very low collector to emitter saturation voltage ■ High current gain characteristic ■ Fast-switching speed ■ Surface-mounting DPAK (TO-252) power package in tape & reel (suffix “T4) ■ Through-hole IPAK (TO-251) power package in tube (suffix “-1”) Description The device is manufactured in PNP Planar technology by using a “Base Island” layout. The resulting transistor shows exceptional high gain performance coupled with very low saturation voltage. Applications ■ CCFL drivers ■ Voltage regulators ■ Relay drivers ■ High efficiency low voltage switching applications Figure 1. Internal schematic diagram 1 3 3 2 1 TO-252 DPAK TO-251 IPAK (suffix “T4”) (suffix “-1”) www.st.com |
同様の部品番号 - D2805 |
|
同様の説明 - D2805 |