| データシートサーチシステム |
|
AT45DB021B データシート(PDF) 20 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B データシート(HTML) 20 Page - ATMEL Corporation |
|
20 / 33 page ![]() 20 AT45DB021B 1937F–DFLSH–10/02 Detailed Bit-level Read Timing – Inactive Clock Polarity High Continuous Array Read (Opcode: 68H) Main Memory Page Read (Opcode: 52H) SI 0 1X X X CS SO SCK 12 63 64 65 66 67 HIGH-IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 BIT 0 OF PAGE n+1 BIT 2111 OF PAGE n LSB MSB tSU tV DATA OUT SI 0 1 0 10 XX X CS SO SCK 12345 61 62 63 64 65 66 67 XX HIGH-IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV D4 68 |