データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HTG3413CFB データシート(PDF) 9 Page - Humirel

部品番号 HTG3413CFB
部品情報  RELATIVE HUMIDITY AND TEMPERATURE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HUMIREL [Humirel]
ホームページ  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3413CFB データシート(HTML) 9 Page - Humirel

Back Button HTG3413CFB Datasheet HTML 2Page - Humirel HTG3413CFB Datasheet HTML 3Page - Humirel HTG3413CFB Datasheet HTML 4Page - Humirel HTG3413CFB Datasheet HTML 5Page - Humirel HTG3413CFB Datasheet HTML 6Page - Humirel HTG3413CFB Datasheet HTML 7Page - Humirel HTG3413CFB Datasheet HTML 8Page - Humirel HTG3413CFB Datasheet HTML 9Page - Humirel HTG3413CFB Datasheet HTML 10Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3400 Series Datasheet / HPC124 Rev A November 2007
9
Package Outline
with PVBL connector
(4.27 mm – 0.198 in long)
Color : Black
Weight : 1.8g
6
%
'
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
F
10.8 ± 0.5
Package Outline
with CFB connector
Color : Black
Weight : 1.8g
6
%
'
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
F
5.96 ± 0.5
Double coated adhesive tape could be used on potted area for housings 1 and 3 (ref:.3M – 5925F) to fix parts.
• RESISTANCE TO PHYSICAL AND CHEMICAL STRESSES
HTG3400 series contain circuits to protect its inputs and outputs against Electrostatic discharges (ESD) up to
±15kV, air discharge.
HTG3400 series are protected against EMC interferences.
HTG3400 series are protected against reverse polarity.
Additional tests under harsh chemical conditions demonstrate good operation in presence of salt atmosphere,
SO2 (0.5%), H2S (0.5%), O3, NOx, NO, CO, CO2, Softener, Soap, Toluene, acids (H2SO4, HNO3, HCl), HMDS,
Insecticide, Cigarette smoke, a non-exhaustive list.
HTG3400 series are not light sensitive.



Html Pages

1 2 3 4 5 6 7 8 9 10