データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

066333U6R3JS2 データシート(PDF) 3 Page - Cornell Dubilier Electronics

部品番号 066333U6R3JS2
部品情報  Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDE [Cornell Dubilier Electronics]
ホームページ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

066333U6R3JS2 データシート(HTML) 3 Page - Cornell Dubilier Electronics

  066333U6R3JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 066333U6R3JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 066333U6R3JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 066333U6R3JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 066333U6R3JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 066333U6R3JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ratings
7.5 Vdc (9 Vdc Surge) (cont’d)
47000
066R473U7R5JS2
0.042 0.024
6.2
7.0
1 X 3 1/8
47000
066X473U7R5JP2
0.049 0.028
3.7
4.3
1 X 2 5/8
56000
0662563U7R5JT2
0.037 0.022
6.9
7.8
1 X 3 5/8
56000
066X563U7R5JS2
0.042 0.024
4.3
4.9
1 X 3 1/8
68000
066X683U7R5JT2
0.037 0.022
4.9
5.5
1 X 3 5/8
10 Vdc (12 Vdc Surge)
1200
066122U010FE2
0.520 0.281
0.67
0.86
5/8 X 1 1/8
1800
066182U010GE2
0.340 0.185
0.84
1.1
3/4 X 1 1/8
2700
066272U010FJ2
0.260 0.141
1.1
1.4
5/8 X 1 5/8
3900
066392U010GJ2
0.170 0.096
1.4
1.8
3/4 X 1 5/8
3900
066R392U010GE2
0.340 0.185
1.2
1.5
3/4 X 1 1/8
4700
066X472U010GE2
0.340 0.185
0.84
1.1
3/4 X 1 1/8
5600
066562U010HJ2
0.120 0.065
1.8
2.2
7/8 X 1 5/8
6800
066682U010GP2
0.094 0.052
3.5
4.3
3/4 X 2 5/8
8200
066822U010HL2
0.081 0.045
2.5
3.1
7/8 X 2 1/8
8200
066R822U010GJ2
0.170 0.096
2.0
2.5
3/4 X l 5/8
10000
066X103U010GJ2
0.170 0.096
1.4
1.8
3/4 X 1 5/8
12000
066123U010HJ2
0.120 0.065
2.6
3.1
7/8 X 1 5/8
12000
066123U010JL2
0.063 0.036
3.0
3.5
1 X 2 1/8
15000
066153U010HS2
0.053 0.03
3.7
4.4
7/8 X 3 1/8
15000
066X153U010HJ2
0.120 0.065
1.8
2.2
7/8 X l 5/8
18000
066LR183U010HL2 0.081 0.045
3.6
4.3
7/8 X 2 1/8
18000
066183U010JP2
0.050 0.029
3.7
4.3
1 X 2 5/8
22000
066223U010JS2
0.042 0.024
4.3
4.9
1 X 3 1/8
22000
066X223U010HL2
0.081 0.045
2.5
3.1
7/8 X 2 1/8
27000
066273U010JT2
0.037 0.022
4.9
5.5
1 X 3 5/8
27000
066R273U010JL2
0.063 0.036
4.3
5.0
1 x 2 1/8
33000
066R333U010JP2
0.049 0.028
5.3
6.1
1 x 2 5/8
33000
066X333U010JL2
0.063 0.036
3.0
3.5
1 x 2 1/8
39000
066X393U010JP2
0.049 0.028
3.7
4.3
1 x 2 5/8
47000
066R473U010JS2
0.042 0.024
6.2
7.0
1 x 3 1/8
47000
066X473U010JS2
0.042 0.024
4.3
4.9
1 x 3 l/8
56000
066R563U010JT2
0.037 0.022
6.9
7.8
1 x 3 5/8
56000
066X563U010JT2
0.037 0.022
4.9
5.5
1 x 3 5/8
16 Vdc (20 Vdc Surge)
1000
066102U016FE2
0.520 0.281
0.67
0.86
5/8 X 1 1/8
1500
066152U016GE2
0.340 0.185
0.84
1.1
3/4 X 1 1/8
2200
066222U016FJ2
0.260 0.141
1.1
1.4
5/8 X 1 5/8
2700
066R272U016GE2
0.340 0.185
1.2
1.5
4/4 X 1 1/8
3300
066332U016GJ2
0.170 0.096
1.4
1.8
3/4 X l 5/8
3300
066X332U016GE2
0.340 0.185
0.84
1.1
3/4 x 1 l/8
4700
066472U016HJ2
0.120 0.065
1.8
2.2
7/8 x 1 5/8
5600
066R562U016GJ2
0.170 0.096
2.0
2.5
3/4 x 1 5/8
5600
066562U016GP2
0.094 0.052
3.5
4.3
3/4 x 2 5/8
6800
066682U016HL2
0.081 0.045
2.5
3.1
7/8 x 2 1/8
6800
066X682U016GJ2
0.170 0.096
1.4
1.8
3/4 x 1 5/8
8200
066R822U016HJ2
0.120 0.065
2.6
3.1
7/8 x 1 5/8
10000
066103U016JL2
0.063 0.036
3.0
3.5
1 x 2 1/8
10000
066X103U016HJ2
0.120 0.065
1.8
2.2
7/8 x 1 5/8
12000
066123U016HS2
0.053 0.03
3.7
4.4
7/8 x 3 1/8
12000
066R123U016HL2
0.081 0.045
3.6
4.3
7/8 x 2 1/8
15000
066153U016JP2
0.050 0.029
3.7
4.3
1 x 2 5/8
15000
066X153U016HL2
0.081 0.045
2.5
3.1
7/8 x 2 1/8
18000
066183U016JS2
0.042 0.024
4.3
4.9
1 x 3 1/8
18000
066R183U016JL2
0.063 0.036
4.3
5.0
1 x 2 1/8
6.3 Vdc (8 Vdc Surge)
1800
066182U6R3FE2
0.520 0.281
0.68
0.86
5/8 X 1 1/8
2700
066272U6R3GE2
0.340 0.185
0.85
1.1
3/4 X 1 1/8
3900
066392U6R3FJ2
0.260 0.141
1.10
1.4
5/8 X 1 5/8
4700
066472U6R3HE2
0.230 0.126
1.10
1.3
7/8 X 1 1/8
5600
066562U6R3GJ2
0.170 0.096
1.40
1.8
3/4 X 1 5/8
5600
066R562U6R3GE2
0.340 0.185
1.20
1.5
3/4 X 1 1/8
5600
066X562U6R3GE2
0.340 0.185
0.85
1.1
3/4 X 1 1/8
6800
066682U6R3JE2
0.180 0.104
1.30
1.5
1 X 1 1/8
8200
066822U6R3HJ2
0.120 0.065
1.80
2.2
7/8 X 1 5/8
10000
066103U6R3FS2
0.110 0.06
2.50
3.0
5/8 X 3 1/8
10000
066R103U6R3GJ2
0.170 0.096
2.00
2.5
3/4 X 1 5/8
12000
066123U6R3GP2
0.093 0.052
3.50
4.3
3/4 X 2 5/8
12000
066X123U6R3GJ2
0.170 0.096
1.40
1.8
3/4 X 1 5/8
15000
066153U6R3HL2
0.080 0.045
2.60
3.1
7/8 X 2 1/8
15000
066R153U6R3HJ2
0.120 0.065
2.60
3.1
7/8 X 1 5/8
18000
066183U6R3JL2
0.062 0.036
3
3.5
1 x 2 1/8
18000
066X183U6R3HJ2
0.120 0.065
1.8
2.2
7/8 x 1 5/8
22000
066223U6R3HS2
0.052 0.03
3.8
4.4
7/8 x 3 1/8
22000
066R223U6R3HL2
0.080 0.045
3.6
4.3
7/8 x 2 1/8
27000
066273U6R3JP2
0.049 0.029
3.7
4.3
1 x 2 5/8
27000
066X273U6R3HL2
0.080 0.045
2.6
3.1
7/8 x 2 1/8
33000
066333U6R3JS2
0.042 0.024
4.4
4.9
1 x 3 1/8
33000
066R333U6R3JL2
0.062 0.036
4.3
5.0
1 x 2 1/8
33000
066X333U6R3JL2
0.062 0.036
3
3.5
1 x 2 1/8
39000
066393U6R3JT2
0.037 0.022
4.9
5.5
1 x 3 5/8
47000
066R473U6R3JP2
0.049 0.028
5.3
6.1
1 X 2 5/8
47000
066X473U6R3JP2
0.049 0.028
3.8
4.3
1 X 2 5/8
56000
066R563U6R3JS2
0.041 0.024
6.2
7.0
1 X 3 1/8
56000
066X563U6R3JS2
0.041 0.024
4.4
4.9
1 X 3 1/8
68000
066R683U6R3JT2
0.037 0.022
7.0
7.8
1 X 3 5/8
68000
066X683U6R3JT2
0.037 0.022
4.9
5.5
1 X 3 5/8
7.5 Vdc (9 Vdc Surge)
1800
066182U7R5FE2
0.520 0.281
0.67
0.86
5/8 X 1 1/8
2700
066272U7RSGE2
0.340 0.185
0.84
1.1
3/4 X 1 1/8
3300
066332U7R5FJ2
0.260 0.141
1.10
1.4
5/8 X 1 5/8
3900
066392U7R5HE2
0.230 0.126
1.10
1.3
7/8 X 1 1/8
4700
066R472U7R5GE2
0.340 0.185
1.20
1.5
3/4 X 1 1/8
5600
066562U7R5GJ2
0.170 0.096
1.40
1.8
3/4 X 1 5/8
5600
066X562U7R5GE2
0.340 0.185
0.84
1.1
3/4 X 1 1/8
8200
066822U7R5FS2
0.110 0.06
2.40
3.0
5/8 X 3 1/8
8200
066822U7R5HJ2
0.120 0.065
1.80
2.2
7/8 X 1 5/8
10000
066103U7R5GP2
0.094 0.052
3.50
4.3
3/4 X 2 5/8
10000
066R103U7R5GJ2
0.170 0.096
2.00
2.5
3/4 X 1 5/8
12000
066123U7R5HL2
0.081 0.045
2.50
3.1
7/8 X 2 1/8
15000
066R153U7R5HJ2
0.120 0.065
2.60
3.1
7/8 X 1 5/8
15000
066X153U7R5HJ2
0.120 0.065
1.80
2.2
7/8 X 1 5/8
18000
066183U7R5JL2
0.063 0.036
3.00
3.5
1 X 2 1/8
22000
066223U7R5JP2
0.050 0.029
3.70
4.3
1 X 2 5/8
22000
066R223U7R5HL2
0.081 0.045
3.60
4.3
7/8 X 2 1/8
22000
066X223U7R5HL2
0.081 0.045
2.50
3.1
7/8 X 2 1/8
27000
066273U7R5JS2
0.042 0.024
4.30
4.9
1 X 3 1/8
33000
066333U7R5JT2
0.037 0.022
4.90
5.5
1 X 3 5/8
33000
066R333U7R5JL2
0.063 0.036
4.30
5.0
1 X 2 1/8
33000
066X333U7R5JL2
0.063 0.036
3.00
3.5
1 X 2 1/8
39000
066R393U7RSJP2
0.049 0.028
5.30
6.1
1 X 2 5/8
Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω
@ 85
°C
Size (in)
Part Number
120 Hz 20 kHz 120 Hz 20 kHz
D x L
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω
@ 85
°C
Size (in)
Part Number
120 Hz 20 kHz 120 Hz 20 kHz
D x L
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com
( F)
( F)



Html Pages

1 2 3 4 5 6