| データシートサーチシステム |
|
TAS5701PAP データシート(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5701PAP データシート(HTML) 19 Page - Texas Instruments |
|
19 / 26 page ![]() LRCK MSB LSB 1/fS (= 32 fS, 48 fS, or 64 fS) 18-Bit Right-Justified, SCLK = 48 fS or 64 fS MSB LSB 20-Bit Right-Justified, SCLK = 48 fS or 64 fS LSB 16-Bit Right-Justified, SCLK = 48 fS or 64 fS 16-Bit Right-Justified, SCLK = 32 fS LSB L-Channel R-Channel SCLK DATA 2 1 0 2 1 0 2 1 0 2 1 0 2 1 0 DATA DATA DATA 17 16 15 2 1 0 2 1 0 19 18 17 2 1 0 MSB LSB MSB LSB LSB MSB LSB 15 14 13 2 1 0 2 1 0 17 16 15 2 1 0 19 18 17 2 1 0 MSB 15 14 13 MSB 15 14 13 MSB 15 14 13 24-Bit Right-Justified, SCLK = 48 fS LSB DATA 2 1 0 2 1 0 MSB LSB 23 22 21 2 1 0 MSB 23 22 21 LSB 24-Bit Right-Justified, SCLK = 64 fS 2 1 0 2 1 0 DATA LSB 2 1 0 MSB 23 22 21 MSB 23 22 21 Format Control TAS5701 www.ti.com ...................................................................................................................................................................................................... SLOS559 – JUNE 2008 Figure 20. Right-Justified Format The digital data input format is selected via three external terminals (FORMAT0, FORMAT1, and FORMAT2). Table 1 lists the corresponding data format for SDIN1 and SDIN2. LRCLK and SCLK are shared clocks for SDIN1 and SDIN2. Changes to the FORMATx terminals are latched in immediately on a rising edge of RESET. Changes to the FORMATx terminals while RESET is high are not allowed. Table 1. Format Control SERIAL DIGITAL DATA FORMAT2 FORMAT1 FORMAT0 FORMAT 0 0 0 16-Bit right-justifed 0 0 1 18-Bit right-justified 0 1 0 20-Bit right-justified 0 1 1 24-Bit right-justified 1 0 0 16-, 24-Bit I2S 1 0 1 16-, 24-Bit left-justified 1 1 0 Reserved. Setting is not allowed. 1 1 1 Reserved. Setting is not allowed. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 19 Product Folder Link(s): TAS5701 |