| データシートサーチシステム |
|
TAS5705PAPR データシート(PDF) 63 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5705PAPR データシート(HTML) 63 Page - Texas Instruments |
|
63 / 71 page ![]() TAS5705 www.ti.com ...................................................................................................................................................................................................... SLOS549 – JUNE 2008 Table 29. PWM Output Mux Register (0x25) (continued) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 0 0 0 – – – – Multiplex channel 1 to OUT_A (2) 0 0 0 1 – – – – Multiplex channel 2 to OUT_A 0 0 1 0 – – – – Multiplex channel 3 to OUT_A 0 0 1 1 – – – – Multiplex channel 4 to OUT_A 0 1 0 0 – – – – Multiplex channel 5 to OUT_A 0 1 0 1 – – – – Multiplex channel 6 to OUT_A 0 1 1 X – – – – Reserved 1 X X X – – – – Reserved – – – – 0 0 0 0 Multiplex channel 1 to OUT_B – – – – 0 0 0 1 Multiplex channel 2 to OUT_B – – – – 0 0 1 0 Multiplex channel 3 to OUT_B (2) – – – – 0 0 1 1 Multiplex channel 4 to OUT_B – – – – 0 1 0 0 Multiplex channel 5 to OUT_B – – – – 0 1 0 1 Multiplex channel 6 to OUT_B – – – – 0 1 1 X Reserved – – – – 1 X X X Reserved D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 0 0 0 – – – – Multiplex channel 1 to OUT_C 0 0 0 1 – – – – Multiplex channel 2 to OUT_C (2) 0 0 1 0 – – – – Multiplex channel 3 to OUT_C 0 0 1 1 – – – – Multiplex channel 4 to OUT_C 0 1 0 0 – – – – Multiplex channel 5 to OUT_C 0 1 0 1 – – – – Multiplex channel 6 to OUT_C 0 1 1 X – – – – Reserved 1 X X X – – – – Reserved – – – – 0 0 0 0 Multiplex channel 1 to OUT_D – – – – 0 0 0 1 Multiplex channel 2 to OUT_D – – – – 0 0 1 0 Multiplex channel 3 to OUT_D – – – – 0 0 1 1 Multiplex channel 4 to OUT_D (2) – – – – 0 1 0 0 Multiplex channel 5 to OUT_D – – – – 0 1 0 1 Multiplex channel 6 to OUT_D – – – – 0 1 1 X Reserved – – – – 1 X X X Reserved (2) Default values are in bold. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 63 Product Folder Link(s): TAS5705 |