データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8293G160BRJZ-R2 データシート(PDF) 6 Page - Analog Devices

部品番号 AD8293G160BRJZ-R2
部品情報  Low Cost, Zero-Drift In-Amp with Filter and Fixed Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8293G160BRJZ-R2 データシート(HTML) 6 Page - Analog Devices

Back Button AD8293G160BRJZ-R2 Datasheet HTML 2Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 3Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 4Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 5Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 6Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 7Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 8Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 9Page - Analog Devices AD8293G160BRJZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8293G80/AD8293G160
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
–IN
1
GND
2
3
REF
+IN
8
+VS
7
OUT
6
FILT
5
4
ADC OUT
AD8293Gxx
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN
Inverting Input Terminal (True Differential Input)
2
GND
Ground
3
REF
Reference Voltage Terminal (Drive This Terminal to Level-Shift the Output)
4
ADC OUT
Output with Series 5 kΩ Resistor for Use with an Antialiasing Filter
5
FILT
Place a capacitor across FILT and OUT to limit the amount of switching noise at the output (see Applications Information)
6
OUT
Output Terminal Without Integrated Filter
7
+VS
Positive Power Supply Terminal
8
+IN
Noninverting Input Terminal (True Differential Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com