| データシートサーチシステム |
|
SSM2604CPZ-R2 データシート(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SSM2604CPZ-R2 データシート(HTML) 25 Page - Analog Devices |
|
25 / 28 page ![]() SSM2604 Rev. 0 | Page 25 of 28 ACTIVE, ADDRESS 0x09 Table 28. Active Register Bit Map D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 0 0 0 ACTIVE Table 29. Descriptions of Active Register Bit Bit Name Description Settings ACTIVE Digital core activation control 0 = disable digital core (default) 1 = activate digital core SOFTWARE RESET, ADDRESS 0x0F Table 30. Software Reset Register Bit Map D8 D7 D6 D5 D4 D3 D2 D1 D0 RESET [8:0] Table 31. Descriptions of Software Reset Register Bits Bit Name Description Settings RESET [8:0] Write all 0s to this register to set all registers to their default settings. Other data written to this register has no effect. 0 = reset (default) |