データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE5566 データシート(PDF) 3 Page - Analog Devices

部品番号 ADE5566
部品情報  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE5566 データシート(HTML) 3 Page - Analog Devices

  ADE5566 Datasheet HTML 1Page - Analog Devices ADE5566 Datasheet HTML 2Page - Analog Devices ADE5566 Datasheet HTML 3Page - Analog Devices ADE5566 Datasheet HTML 4Page - Analog Devices ADE5566 Datasheet HTML 5Page - Analog Devices ADE5566 Datasheet HTML 6Page - Analog Devices ADE5566 Datasheet HTML 7Page - Analog Devices ADE5566 Datasheet HTML 8Page - Analog Devices ADE5566 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 148 page
background image
Preliminary Technical Data
ADE5166/ADE5169/ADE5566/ADE5569
Rev. PrB | Page 3 of 148
LCD Timing and Waveforms ....................................................95
 
Blink Mode...................................................................................96
 
Scrolling Mode ............................................................................96
 
Display Element Control............................................................96
 
Voltage Generation .....................................................................97
 
LCD External Circuitry..............................................................97
 
LCD Function in PSM2..............................................................98
 
Flash Memory ..................................................................................99
 
Flash Memory Overview............................................................99
 
Flash Memory Organization......................................................99
 
Using the Flash Memory ......................................................... 100
 
Protecting the Flash Memory ................................................. 103
 
In Circuit Programming ......................................................... 105
 
Timers ............................................................................................ 106
 
Timer Registers......................................................................... 106
 
Timer 0 and Timer 1................................................................ 108
 
Timer 2 ...................................................................................... 109
 
PLL ................................................................................................. 111
 
PLL Registers ............................................................................ 111
 
RTC—Real-Time Clock .............................................................. 112
 
Access to RTC SFR................................................................... 112
 
Access to Internal RTC Registers ........................................... 112
 
RTC SFR Register List ............................................................. 113
 
RTC Registers ........................................................................... 116
 
RTC Calendar ........................................................................... 117
 
RTC Interrupts ......................................................................... 118
 
RTC Crystal Compensation.................................................... 119
 
RTC Temperature Compensation.......................................... 119
 
UART Serial Interface.................................................................. 121
 
UART Registers ........................................................................ 121
 
UART Operation Modes ..........................................................124
 
UART Baud Rate Generation ..................................................125
 
UART Additional Features ......................................................127
 
UART2 Serial Interface.................................................................128
 
UART SFR Register List ...........................................................128
 
UART2 Operation Mode .........................................................130
 
UART Baud Rate Generation ..................................................130
 
UART Additional Features ......................................................131
 
Serial Peripheral Interface (SPI)..................................................132
 
SPI Registers ..............................................................................132
 
SPI Pins.......................................................................................135
 
SPI Master Operating Modes ..................................................136
 
SPI Interrupt and Status Flags .................................................137
 
I2C-Compatible Interface .............................................................138
 
Serial Clock Generation ...........................................................138
 
Slave Addresses..........................................................................138
 
I2C Registers...............................................................................138
 
Read and Write Operations .....................................................139
 
I2C Receive and Transmit FIFOs.............................................140
 
I/O Ports .........................................................................................141
 
Parallel I/O.................................................................................141
 
I/O Registers ..............................................................................142
 
Port 0...........................................................................................145
 
Port 1...........................................................................................145
 
Port 2...........................................................................................145
 
Determining the Version of the
ADE5166/ADE5169/ADE5566/ADE5569 ................................146
 
Outline Dimensions......................................................................147
 
Ordering Guide .........................................................................147
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More