| データシートサーチシステム |
|
AT89C51CC03C-RDTIM データシート(PDF) 56 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03C-RDTIM データシート(HTML) 56 Page - ATMEL Corporation |
|
56 / 183 page ![]() 56 AT89C51CC03 4182B–CAN–09/03 Operation Cross Memory Access Space addressable in read and write are: •RAM • ERAM (Expanded RAM access by movx) • XRAM (eXternal RAM) • EEPROM DATA • FM0 ( user flash ) • Hardware byte •XROW •Boot Flash • Flash Column latch The table below provide the different kind of memory which can be accessed from differ- ent code location. Table 18. Cross Memory Access Action RAM XRAM ERAM Boot FLASH FM0 E² Data Hardware Byte XROW boot FLASH Read OK OK OK OK - Write - OK (RWW) OK (RWW) OK (RWW) OK (RWW) FM0 Read OK (confidential) OK OK -OK - Write - OK (idle) OK(RWW) - -OK External memory EA = 0 or Code Roll Over Read - - OK - - Write - - OK(RWW) - - |