| データシートサーチシステム |
|
AT89C5132-ROTUL データシート(PDF) 165 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5132-ROTUL データシート(HTML) 165 Page - ATMEL Corporation |
|
165 / 182 page ![]() 165 4173E–USB–09/07 AT89C5132 23.3.3.3 Waveforms Figure 23-12. SPI Slave Waveforms (SSCPHA = 0) Note: 1. Not Defined but generally the MSB of the character which has just been received. Figure 23-13. SPI Slave Waveforms (SSCPHA = 1) Note: 1. Not Defined but generally the LSB of the character which has just been received. TSLCL TSLCH T CHCL TCLCH MOSI (input) SCK (SSCPOL = 0) (input) SS (input) SCK (SSCPOL = 1) (input) MISO (output) T CHCH TCLCX TCHCX T IVCL TCLIX T CHIX T IVCH TCHOV T CLOV TCHOX T CLOX MSB IN BIT 6 LSB IN SLAVE MSB OUT SLAVE LSB OUT BIT 6 TSLOV 1 TSHOX T SHSL TCHSH T CLSH SI (input) SCK (SSCPOL = 0) (output) SS1 (output) SCK (SSCPOL = 1) (output) SO (output) T CHCH T CLCX T CHCX T IVCL T CLIX TCHIX TIVCH TCHOV TCLOV T CHOX TCLOX MSB IN BIT 6 LSB IN MSB OUT Port Data LSB OUT Port Data BIT 6 T CHCL T CLCH |