| データシートサーチシステム |
|
AT89C5132-ROTUL データシート(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5132-ROTUL データシート(HTML) 2 Page - ATMEL Corporation |
|
2 / 182 page ![]() 2 4173E–USB–09/07 AT89C5132 3. Block Diagram Figure 3-1. AT89C5132 Block Diagram Notes: 1. Alternate function of Port 3 2. Alternate function of Port 4 3. Alternate function of Port 1 8-BIT INTERNAL BUS Clock and PLL Unit C51 (X2 CORE) RAM 2304 Bytes Flash Interrupt Handler Unit FILT X2 X1 MMC Interface I/O MDAT P0 - P5 10-bit A-to-D Converter V SS V DD Keyboard Interface KIN3:0 I2S/PCM Audio Interface AVSS AV DD AIN1:0 Ports INT0 INT1 MOSI MISO Timers 0/1 T1 T0 SPI/DataFlash Controller MCLK MCMD SCK RST AREF DSEL DCLK SCLK DOUT 64K Bytes USB Controller D+ D- UART RXD TXD IDE Interface SS Watchdog Flash Boot 4K Bytes UVSS UV DD and BRG 1 1 1 1 1 1 2 2 2 2 3 TWI Controller SCL SDA 1 1 |