| データシートサーチシステム |
|
CK12BX331M データシート(PDF) 2 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
CK12BX331M データシート(HTML) 2 Page - Cornell Dubilier Electronics |
|
2 / 5 page ![]() CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com MIL-C-11015 & 39014 Multilayer Ceramic Capacitors Ratings Tol. MIL-C-39014/01 39014/01 Failure Rate Levels Tol. MIL-C-39014/01 39014/01 Failure Rate Levels Cap % MIL-C-11015/18 References M P R S Cap % MIL-C-11015/18 References M P R S 50 Vdc - Radial Leaded - CK05/M39014/01 200 Vdc - Radial Leaded - CK05/M39014/01 .012 uF 10 CK05BX123K CKR05BX123K* 1457 1497 1537 1577 10 pF 10 CK05BX100K CKR05BX100K* 1201 1241 1281 1321 .015 uF 10 CK05BX153K CKR05BX153K* 1458 1498 1538 1578 10 pF 20 CK05BX100M CKR05BX100M* 1202 1242 1282 1322 .015 uF 20 CK05BX153M CKR05BX153M* 1459 1499 1539 1579 12 pF 10 CK05BX120K CKR05BX120K* 1203 1243 1283 1323 .018 uF 10 CK05BX183K CKR05BX183K* 1460 1500 1540 1580 15 pF 10 CK05BX150K CKR05BX150K* 1204 1244 1284 1324 .022 uF 10 CK05BX223K CKR05BX223K* 1461 1501 1541 1581 15 pF 20 CK05BX150M CKR05BX150M* 1205 1245 1285 1325 .022 uF 20 CK05BX223M CKR05BX223M* 1462 1502 1542 1582 18 pF 10 CK05BX180K CKR05BX180K* 1206 1246 1286 1326 .027 uF 10 CK05BX273K CKR05BX273K* 1463 1503 1543 1583 22 pF 10 CK05BX220K CKR05BX220K* 1207 1247 1287 1327 .033 uF 10 CK05BX333K CKR05BX333K* 1464 1504 1544 1584 22 pF 20 CK05BX220M CKR05BX220M* 1208 1248 1288 1328 .033 uF 20 CK05BX333M CKR05BX333M* 1465 1505 1545 1585 27 pF 10 CK05BX270K CKR05BX270K* 1209 1249 1289 1329 .039 uF 10 CK05BX393K CKR05BX393K* 1466 1506 1546 1586 33 pF 10 CK05BX330K CKR05BX330K* 1210 1250 1290 1330 .047 uF 10 CK05BX473K CKR05BX473K* 1467 1507 1547 1587 33 pF 20 CK05BX330M CKR05BX330M* 1211 1251 1291 1331 .047 uF 20 CK05BX473M CKR05BX473M* 1468 1508 1548 1588 39 pF 10 CK05BX390K CKR05BX390K* 1212 1252 1292 1332 .056 uF 10 CK05BX563K CKR05BX563K* 1469 1509 1549 1589 47 pF 10 CK05BX470K CKR05BX470K* 1213 1253 1293 1333 .068 uF 10 CK05BX683K CKR05BX683K* 1470 1510 1550 1590 47 pF 20 CK05BX470M CKR05BX470M* 1214 1254 1294 1334 .068 uF 20 CK05BX683M CKR05BX683M* 1471 1511 1551 1591 56 pF 10 CK05BX560K CKR05BX560K* 1215 1255 1295 1335 .082 uF 10 CK05BX823K CKR05BX823K* 1472 1512 1552 1592 68 pF 10 CK05BX680K CKR05BX680K* 1216 1256 1296 1336 .10 uF 10 CK05BX104K CKR05BX104K* 1473 1513 1553 1593 68 pF 20 CK05BX680M CKR05BX680M* 1217 1257 1297 1337 .10 uF 20 CK05BX104M CKR05BX104M* 1474 1514 1554 1594 82 pF 10 CK05BX820K CKR05BX820K* 1218 1258 1298 1338 100 Vdc - Radial Leaded - CK05/M39014/01 100 pF 10 CK05BX101K CKR05BX101K* 1219 1259 1299 1339 1200 pF 10 CK05BX122K CKR05BX122K* 1239 1279 1319 1359 100 pF 20 CK05BX101M CKR05BX101M* 1220 1260 1300 1340 1500 pF 10 CK05BX152K CKR05BX152K* 1240 1280 1320 1360 120 pF 10 CK05BX121K CKR05BX121K* 1221 1261 1301 1341 1500 pF 20 CK05BX152M CKR05BX152M* 1441 1481 1521 1561 150 pF 10 CK05BX151K CKR05BX151K* 1222 1262 1302 1342 1800 pF 10 CK05BX182K CKR05BX182K* 1442 1482 1522 1562 150 pF 20 CK05BX151M CKR05BX151M* 1223 1263 1303 1343 2200 pF 10 CK05BX222K CKR05BX222K* 1443 1483 1523 1563 180 pF 10 CK05BX181K CKR05BX181K* 1224 1264 1304 1344 2200 pF 20 CK05BX222M CKR05BX222M* 1444 1484 1524 1564 220 pF 10 CK05BX221K CKR05BX221K* 1225 1265 1305 1345 2700 pF 10 CK05BX272K CKR05BX272K* 1445 1485 1525 1565 220 pF 20 CK05BX221M CKR05BX221M* 1226 1266 1306 1346 3300 pF 10 CK05BX332K CKR05BX332K* 1446 1486 1526 1566 270 pF 10 CK05BX271K CKR05BX271K* 1227 1267 1307 1347 3300 pF 20 CK05BX332M CKR05BX332M* 1447 1487 1527 1567 330 pF 10 CK05BX331K CKR05BX331K* 1228 1268 1308 1348 3900 pF 10 CK05BX392K CKR05BX392K* 1448 1488 1528 1568 330 pF 20 CK05BX331M CKR05BX331M* 1229 1269 1309 1349 4700 pF 10 CK05BX472K CKR05BX472K* 1449 1489 1529 1569 390 pF 10 CK05BX391K CKR05BX391K* 1230 1270 1310 1350 4700 pF 20 CK05BX472M CKR05BX472M* 1450 1490 1530 1570 470 pF 10 CK05BX471K CKR05BX471K* 1231 1271 1311 1351 5600 pF 10 CK05BX562K CKR05BX562K* 1451 1491 1531 1571 470 pF 20 CK05BX471M CKR05BX471M* 1232 1272 1312 1352 6800 pF 10 CK05BX682K CKR05BX682K* 1452 1492 1532 1572 560 pF 10 CK05BX561K CKR05BX561K* 1233 1273 1313 1353 6800 pF 20 CK05BX682M CKR05BX682M* 1453 1493 1533 1573 680 pF 10 CK05BX681K CKR05BX681K* 1234 1274 1314 1354 8200 pF 10 CK05BX822K CKR05BX822K* 1454 1494 1534 1574 680 pF 20 CK05BX681M CKR05BX681M* 1235 1275 1315 1355 .01 uF 10 CK05BX103K CKR05BX103K* 1455 1495 1535 1575 820 pF 10 CK05BX821K CKR05BX821K* 1236 1276 1316 1356 .01 uF 20 CK05BX103M CKR05BX103M* 1456 1496 1536 1576 1000 pF 10 CK05BX102K CKR05BX102K* 1237 1277 1317 1357 1000 pF 20 CK05BX102M CKR05BX102M* 1238 1278 1318 1358 *Insert proper letter symbol for Failure Rate Designator M = 1% / 1000 Hours, P = 0.1% / 1000 Hours R = 0.01% / 1000 Hours, S = 0.001% / 1000 Hours Add ‘V’ at end of failure rate designator if stand-off design is required, (CKR only) Add ‘TR” to end of part number for Tape & Reel Leads will be trimmed to .625’ length CK05 - 2,000 per reel CKR05 - 1,700 per reel (Available in full reels only) |