| データシートサーチシステム |
|
SDR10KTX データシート(PDF) 1 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
SDR10KTX データシート(HTML) 1 Page - Solid States Devices, Inc |
|
1 / 2 page ![]() Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com Designer’s Data Sheet Part Number/Ordering Information 1/ SDR10 __ __ __ └ Screening 2/ __ = Not Screened TX = TX Level TXV = TXV S = S Level │ │ │ │ │ │ └ Package Type __ = Axial Leaded SMS = Surface Mount Square Tab │ │ │ │ │ │ │ │ │ │ └ Voltage/Family D = 200V K = 800 V G = 400V M = 1000 V J = 600V SDR10D thru SDR10M and SDR10DSMS thru SDR10MSMS Series 10 AMPS 200 ─ 1000 VOLTS 5 µs STANDARD RECOVERY RECTIFIER FEATURES: • Standard Recovery: 5 µs maximum 4/ • PIV to 1000 Volts • Hermetically Sealed • Low Reverse Leakage Current • Single Chip Construction • High Surge Rating • Replaces Larger DO-4 Rectifiers • Low Thermal Resistance • Available in Axial & Square Tab Versions • TX, TXV, and S-Level Screening Available 2/ • Faster Recovery Devices Available - Contact Factory MAXIMUM RATINGS 3/ RATING SYMBOL VALUE UNIT Peak Repetitive Reverse Voltage And DC Blocking Voltage SDR10D & SDR10DSMS SDR10G & SDR10GSMS SDR10J & SDR10JSMS SDR10K & SDR10KSMS SDR10M & SDR10MSMS VRRM VRWM VR 200 400 600 800 1000 Volts Average Rectified Forward Current (Resistive Load, 60Hz, Sine Wave, TA = 25°C ) IO 10.0 Amps Peak Surge Current (8.3 ms pulse, half sine wave, superimposed on Io, allow junction to reach equilibrium between pulses, TA = 25°C) IFSM 150 Amps Operating & Storage Temperature TJ and TSTG -65 to +175 ° C Thermal Resistance Junction to Lead for Axial, L =.125" Junction to End Tab for Surface Mount RθJL RθJE 8 4 ° C/W NOTES: 1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory. 2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request. 3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC. 4/ IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C Axial Leaded SMS NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: R00001C DOC |
同様の部品番号 - SDR10KTX |
|
同様の説明 - SDR10KTX |