| データシートサーチシステム |
|
EVAL-ADE7569F16EB データシート(PDF) 64 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVAL-ADE7569F16EB データシート(HTML) 64 Page - Analog Devices |
|
64 / 136 page ![]() ADE7566/ADE7569 Preliminary Technical Data Rev. PrA | Page 64 of 136 ENERGY MEASUREMENT INTERRUPTS The energy measurement part of the ADE7566/ADE7569 has its own interrupt vector for the 8052 core, Vector Address 0x004B (see the Interrupt Vectors section). The bits set in the Interrupt Enable Register 1 SFR (MIRQENL, 0xD9), Interrupt Enable Register 2 SFR (MIRQENM, 0xDA), and Interrupt Enable Register 3 SFR (MIRQENH, 0xDB) enable the energy measure- ment interrupts that are allowed to interrupt the 8052 core. If an event is not enabled, it cannot create a system interrupt. The ADE interrupt stays active until the status bit that has created the interrupt is cleared. The status bit is cleared when a zero is written to this register bit. |