| データシートサーチシステム |
|
ADE7569ASTZF16 データシート(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7569ASTZF16 データシート(HTML) 9 Page - Analog Devices |
|
9 / 148 page ![]() Preliminary Technical Data ADE75xx/ADE71xx Rev. PrE | Page 9 of 148 Parameter Min Typ Max Unit Test Conditions/Comments Leakage current ±20 nA 1/2 and 1/3 bias modes – No load V1 Segment line voltage LCDVA-0.1V LCDVA V Current on segment line = -2 μA V2 Segment line voltage LCDVB-0.1V LCDVB V Current on segment line = -2 μA V3 Segment line voltage LCDVC-0.1V LCDVC V Current on segment line = -2 μA ON-CHIP REFERENCE Reference Error ±12 mV Power supply rejection 80 dB Temperature Coefficient 50 ppm/°C DIGITAL INTERFACE LOGIC INPUTS All inputs except XTAL1, XTAL2, BCTRL, INT0, INT1, RESET Input High Voltage, VINH 2.0 V Input Low Voltage, VINL 0.4 V BCTRL, INT0, INT1, RESET Input High Voltage, VINH 1.3 V Input Low Voltage, VINL 0.4 V Input currents RESET ±10 μA RESET = 0V 100 μA RESET = VSWOUT = 3.3V Port 0, 1 , 2 ±10 μA Internal pull-up disabled, input – 0V or VOUT -250 μA Internal pull-up enabled, input = 2V, VSWOUT=3.3V -50 μA Internal pull-up enabled, input = 0.4V, VSWOUT=3.3V Input capacitance 10 pF All digital input CRYSTAL OSCILLATOR Crystal Equivalent Series Resistance 30 50 kΩ Crystal frequency 32 32.768 33.5 kHz XTAL1 Input Capacitance 12 pF XTAL2 Output Capacitance 12 pF MCU CLOCK RATE - Fcore 4.096 MHz Crystal = 32.768kHz and CD[2:0]=0 32 kHz Crystal = 32.768kHz and CD[2:0]=0b111 LOGIC OUTPUTS Output High Voltage, VOH 2.4 V VDD = 3.3 V ± 5% ISOURCE 80 μA Output Low Voltage, VOL 0.4 V VDD = 3.3 V ± 5% ISINK 2 mA Floating state Leakage current ±10 μA Floating state Output Capacitance TBD pF STARTUP TIME5 At Power-On TBD ms From Power Saving Mode 2 (PSM2) TBD μs From Power Saving Mode 1 (PSM1) TBD μs POWER SUPPLY INPUTS VDD 3.0 3.3 3.6 V VBAT 2.4 3.3 3.7 V POWER SUPPLY OUTPUTS VBAT to VSWOUT ON-Resistance 25 Ω VBAT = 2.4V VDD to VSWOUT ON-Resistance 6.1 Ω VDD = 3V VSWOUT output current drive 1 mA VINTA, VINTD 2.25 2.75 V |