| データシートサーチシステム |
|
AT91SAM7S128-AI データシート(PDF) 22 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM7S128-AI データシート(HTML) 22 Page - ATMEL Corporation |
|
22 / 32 page ![]() 22 AT91SAM7S128 Summary Preliminary 6116AS–ATARM–20-Oct-04 – Programmable pull-up on each I/O line – Pin data status register, supplies visibility of the level on the pin at any time • Synchronous output, provides Set and Clear of several I/O lines in a single write Voltage Regulator Controller The aim of this controller is to select the Power Mode of the Voltage Regulator between Normal Mode (bit 0 is cleared) or Standby Mode (bit 0 is set). |